Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1644AIPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1644AIPWR
Description  High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1644AIPWR Datasheet(HTML) 2 Page - Texas Instruments

  OPA1644AIPWR Datasheet HTML 1Page - Texas Instruments OPA1644AIPWR Datasheet HTML 2Page - Texas Instruments OPA1644AIPWR Datasheet HTML 3Page - Texas Instruments OPA1644AIPWR Datasheet HTML 4Page - Texas Instruments OPA1644AIPWR Datasheet HTML 5Page - Texas Instruments OPA1644AIPWR Datasheet HTML 6Page - Texas Instruments OPA1644AIPWR Datasheet HTML 7Page - Texas Instruments OPA1644AIPWR Datasheet HTML 8Page - Texas Instruments OPA1644AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
OPA1641
OPA1642
OPA1644
SBOS484A – DECEMBER 2009 – REVISED APRIL 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
Supply Voltage, VS = (V+) – (V–)
40
V
Input Voltage(2)
(V–) –0.5 to (V+) +0.5
V
Input Current(2)
±10
mA
Differential Input Voltage
±VS
V
Output Short-Circuit(3)
Continuous
Operating Temperature, TA
–55 to +125
°C
Storage Temperature, TA
–65 to +150
°C
Junction Temperature, TJ
+150
°C
Human Body Model (HBM)
3000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
Machine Model (MM)
100
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current-limited to 10mA or less.
(3)
Short-circuit to VS/2 (ground in symmetrical dual-supply setups), one amplifier per package.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SO-8
D
O1641A
OPA1641
MSOP-8
DGK
1641
SO-8
D
O1642A
OPA1642
MSOP-8
DGK
1642
SO-14
D
O1644AG4
OPA1644
TSSOP-14
PW
O1644A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA1641 OPA1642 OPA1644


Similar Part No. - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1644AIPWR TI-OPA1644AIPWR Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1644AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI1-OPA1641 Datasheet
631Kb / 31P
[Old version datasheet]   Sound Plus High-Performance, JFET-Input Audio Operational Amplifiers
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com