Electronic Components Datasheet Search |
|
OPA330AID Datasheet(PDF) 1 Page - Texas Instruments |
|
|
OPA330AID Datasheet(HTML) 1 Page - Texas Instruments |
1 / 30 page OPA330 OPA2330 OPA4330 www.ti.com SBOS432D – AUGUST 2008 – REVISED JUNE 2010 50mV VOS, 0.25mV/°C, 35mA CMOS OPERATIONAL AMPLIFIERS Zerø-Drift Series Check for Samples: OPA330, OPA2330, OPA4330 1 FEATURES DESCRIPTION 23 • UNMATCHED PRICE PERFORMANCE The OPA330 series of CMOS operational amplifiers offer precision performance at a very competitive • LOW OFFSET VOLTAGE: 50mV (max) price. These devices are members of the Zerø-Drift • ZERO DRIFT: 0.25mV/°C (max) family of amplifiers which use a proprietary • LOW NOISE: 1.1mVPP, 0.1Hz to 10Hz auto-calibration technique to simultaneously provide • QUIESCENT CURRENT: 35mA (max) low offset voltage (50mV max) and near-zero drift over time and temperature at only 35mA (max) of • SUPPLY VOLTAGE: 1.8V to 5.5V quiescent current. The OPA330 family features • RAIL-TO-RAIL INPUT/OUTPUT rail-to-rail input and output in addition to near flat 1/f • INTERNAL EMI FILTERING noise, making this amplifier ideal for many applications and much easier to design into a system. • microSIZE PACKAGES: WCSP, SC70, QFN These devices are optimized for low-voltage operation as low as +1.8V (±0.9V) and up to +5.5V APPLICATIONS (±2.75V). • BATTERY-POWERED INSTRUMENTS The OPA330 (single version) is available in the • TEMPERATURE MEASUREMENTS WCSP-5, SC70-5, SOT23-5, and SOIC-8 packages. • TRANSDUCER APPLICATIONS The OPA2330 (dual version) is offered in DFN-8 • ELECTRONIC SCALES (3mm × 3mm), MSOP-8, and SOIC-8 packages. The • MEDICAL INSTRUMENTATION OPA4330 is offered in the standard SOIC-14 and TSSOP-14 packages, as well as in the space-saving • HANDHELD TEST EQUIPMENT VQFN-14 package. All versions are specified for • CURRENT SENSE operation from –40°C to +125°C. PRODUCT FAMILY PACKAGE COMPARISON PACKAGE-LEADS NO OF DEVICE CHANNELS WCSP SOIC SOT23 SC70 MSOP QFN TSSOP OPA330 1 5 8 5 5 – – – OPA2330 2 – 8 – – 8 8 – OPA4330 4 – 14 – – – 14 14 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 NanoStar, NanoFree are trademarks of Texas Instruments Incorporated. 3 All other trademarks are the property of their respective owners. UNLESS OTHERWISE NOTED this document contains Copyright © 2008–2010, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - OPA330AID |
|
Similar Description - OPA330AID |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |