Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A80xx Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS7A80xx
Description  Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A80xx Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A80xx Datasheet HTML 7Page - Texas Instruments TPS7A80xx Datasheet HTML 8Page - Texas Instruments TPS7A80xx Datasheet HTML 9Page - Texas Instruments TPS7A80xx Datasheet HTML 10Page - Texas Instruments TPS7A80xx Datasheet HTML 11Page - Texas Instruments TPS7A80xx Datasheet HTML 12Page - Texas Instruments TPS7A80xx Datasheet HTML 13Page - Texas Instruments TPS7A80xx Datasheet HTML 14Page - Texas Instruments TPS7A80xx Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
90
80
70
60
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
V
(V)
DO
3.5
f=1kHz
f=10kHz
f=100kHz
f=1MHz
I
=100mA
OUT
NoC
IN
90
80
70
60
50
40
30
20
10
0
0.5
1
1.5
2
2.5
3
V
(V)
DO
3.5
f=1kHz
f=10kHz
f=100kHz
f=1MHz
I
=750mA
OUT
IN
NoC
100
10
1
0.1
0.01
10
100
1k
10k
Frequency(Hz)
100k
C
OUT =4.7mF
C
OUT =22mF
C
OUT =47mF
RMSNoise(100Hzto100kHz)
47.95V
(C
=4.7 F)
47.33V
(C
=22 F)
47.42V
(C
=47 F)
V
=0.5V
I
=100mA
RMS
OUT
RMS
OUT
RMS
OUT
DO
OUT
m
m
m
100
10
1
0.1
0.01
10
100
1k
10k
Frequency(Hz)
100k
C
=1nF
NR
C
=10nF
NR
C
=100nF
NR
RMSNoise(100Hzto100kHz)
48.14V
(C
=1nF)
47.33V
(C
=10nF)
45.90V
(C
=100nF)
V
=0.5V
I
=100mA
RMS
NR
RMS
NR
RMS
NR
DO
OUT
100
10
1
0.1
0.01
10
100
1k
10k
Frequency(Hz)
100k
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
RMSNoise(100Hzto100kHz)
92.07V
(I
=10mA)
47.95V
(I
=100mA)
46.87V
(I
=750mA)
V
=0.5V
RMS
OUT
RMS
OUT
RMS
OUT
DO
TPS7A80xx
www.ti.com
SBVS135A – JUNE 2010 – REVISED JUNE 2010
TYPICAL CHARACTERISTICS: TPS7A8001 (continued)
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1mF, COUT = 4.7mF, and
CNR = 0.01mF, TJ = 25°C, unless otherwise noted.
POWER-SUPPLY RIPPLE REJECTION
POWER-SUPPLY RIPPLE REJECTION
vs DROPOUT VOLTAGE
vs DROPOUT VOLTAGE
Figure 21.
Figure 22.
OUTPUT SPECTRAL NOISE DENSITY
OUTPUT SPECTRAL NOISE DENSITY
vs FREQUENCY
vs FREQUENCY
Figure 23.
Figure 24.
OUTPUT SPECTRAL NOISE DENSITY
vs FREQUENCY
Figure 25.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS7A80xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80xxyyyz TI1-TPS7A80xxyyyz Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
More results

Similar Description - TPS7A80xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com