Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1581DR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1581DR2G
Description  High Frequency Synchronous Step Down PWM Controller for Tracking Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1581DR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1581DR2G Datasheet HTML 6Page - ON Semiconductor NCP1581DR2G Datasheet HTML 7Page - ON Semiconductor NCP1581DR2G Datasheet HTML 8Page - ON Semiconductor NCP1581DR2G Datasheet HTML 9Page - ON Semiconductor NCP1581DR2G Datasheet HTML 10Page - ON Semiconductor NCP1581DR2G Datasheet HTML 11Page - ON Semiconductor NCP1581DR2G Datasheet HTML 12Page - ON Semiconductor NCP1581DR2G Datasheet HTML 13Page - ON Semiconductor NCP1581DR2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NCP1581
http://onsemi.com
11
Figure 13. Start-up to Pre-biased Output
Vout
VSS
VLDRV
VHDRV
1 V
2 V
3 V
Short Circuit Protection
The output of convertor with NCP1581 is protected
against short circuit conditions. This protection is sensing
output voltage through feedback divider on FB pin. On this
pin is comparator that compares FB voltage to 0.4 V. If FB
voltage is below 0.4 V then IC goes to latch state and switch
output drivers to off state. Latch state can be released by
decrease VCC or VP/EN voltage below threshold.
Output
shorted
Threshold
Figure 14. Short Circuit Protection (Start Up,
Short, Latch, Latch Release and New Start-up)
VCC or
VP/EN
Vout
VSS
VLDRV
VHDRV


Similar Part No. - NCP1581DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1580 ONSEMI-NCP1580 Datasheet
92Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2005 ??Rev. 4
NCP1580 ONSEMI-NCP1580 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1580DR2 ONSEMI-NCP1580DR2 Datasheet
92Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2005 ??Rev. 4
NCP1580DR2G ONSEMI-NCP1580DR2G Datasheet
92Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2005 ??Rev. 4
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
More results

Similar Description - NCP1581DR2G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
IR3638SPBF IRF-IR3638SPBF Datasheet
293Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
   High Voltage, 600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com