Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A8001DRBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A8001DRBT
Description  Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A8001DRBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A8001DRBT Datasheet HTML 6Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 7Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 8Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 9Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 10Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 11Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 12Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 13Page - Texas Instruments TPS7A8001DRBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.0V
DO
V
=0.5V
DO
V
=0.3V
DO
I
=100mA
OUT
IN
NoC
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1A
OUT
V
=1.0V
DO
NoC
IN
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1A
OUT
V
=0.5V
DO
NoC
IN
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1A
OUT
V
=1.0V
DO
C
=22 F
NoC
OUT
IN
m
90
80
70
60
50
40
30
20
10
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
I
=10mA
OUT
I
=100mA
OUT
I
=750mA
OUT
I
=1A
OUT
V
=0.5V
DO
C
=22 F
NoC
OUT
IN
m
TPS7A80xx
SBVS135A – JUNE 2010 – REVISED JUNE 2010
www.ti.com
TYPICAL CHARACTERISTICS: TPS7A8001 (continued)
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1mF, COUT = 4.7mF, and
CNR = 0.01mF, TJ = 25°C, unless otherwise noted.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 16.
Figure 17.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 18.
Figure 19.
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
Figure 20.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TPS7A8001DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A8001DRBT TI-TPS7A8001DRBT Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001DRBT TI1-TPS7A8001DRBT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
More results

Similar Description - TPS7A8001DRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI1-TPS7A8001_13 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
TPS7A8001 TI-TPS7A8001_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7A8001 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com