Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2480PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2480PWR
Description  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2480PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2480PWR Datasheet HTML 3Page - Texas Instruments TPS2480PWR Datasheet HTML 4Page - Texas Instruments TPS2480PWR Datasheet HTML 5Page - Texas Instruments TPS2480PWR Datasheet HTML 6Page - Texas Instruments TPS2480PWR Datasheet HTML 7Page - Texas Instruments TPS2480PWR Datasheet HTML 8Page - Texas Instruments TPS2480PWR Datasheet HTML 9Page - Texas Instruments TPS2480PWR Datasheet HTML 10Page - Texas Instruments TPS2480PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
15
8
6
10
9
7
13
12
11
1
2
20
19
+
+
Enable
UVLO
Enable
POR
EN
GND
1.35V/
1.25V
8.4V/
8.3V
14
SENSE
S
S
+
2.7V/
1.25V
PROG
VCC
Enable
Inrush complete
9-ms
Deglitch
TIMER
PG
OUT
Fault
Logic
+
25m A
2.5m A
4V/1V
+
14V
GATE
2mA
Charge
Pump
22m A
Gate Control
Amplifier
4V
Reference
VREF
Constant
Power
Engine
Voltage Register
Current Register
Power Register
X
I2C
Interface
4
16
18
17
PGA
ADC
A1
A0
SCL
SDA
VS
VINM
VINP
GND
A
B
A
2B
50mV max
V(DS) Detector
I(D) Detector
For autoretry option
with duty cycle of 75%
TPS2480
TPS2481
www.ti.com
SLUS939A – APRIL 2010 – REVISED JUNE 2010
DEVICE INFORMATION
Functional Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2480 TPS2481


Similar Part No. - TPS2480PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480PW TI-TPS2480PW Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Similar Description - TPS2480PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com