Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40210SHKK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40210SHKK
Description  5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40210SHKK Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40210SHKK Datasheet HTML 3Page - Texas Instruments TPS40210SHKK Datasheet HTML 4Page - Texas Instruments TPS40210SHKK Datasheet HTML 5Page - Texas Instruments TPS40210SHKK Datasheet HTML 6Page - Texas Instruments TPS40210SHKK Datasheet HTML 7Page - Texas Instruments TPS40210SHKK Datasheet HTML 8Page - Texas Instruments TPS40210SHKK Datasheet HTML 9Page - Texas Instruments TPS40210SHKK Datasheet HTML 10Page - Texas Instruments TPS40210SHKK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
T - Junction Temperature - °C
J
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-55
-25
5
35
65
95
125
155
185
215
12 V
4.5 V
52 V
-0.5
-0.3
0.5
0
-0.4
0.4
V
VDD – Input Voltage – V
10
30
20
60
50
40
0.1
0.0
0.2
-0.1
-0.2
0.3
T - Junction Temperature - °C
J
155
156
157
158
159
160
161
162
163
164
165
-55
-25
5
35
65
95
125
155
185
215
4.5 V
12 V
52 V
4.00
4.30
-40
4.05
4.25
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
4.15
4.10
4.20
UVLO On
UVLO Off
Off
On
UVLO
TPS40210-HT
www.ti.com
SLVSAD8 – JUNE 2010
TYPICAL CHARACTERISTICS (continued)
REFERENCE VOLTAGE CHANGE
REFERENCE VOLTAGE CHANGE
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 6.
Figure 7.
UNDERVOLTAGE LOCKOUT THRESHOLD
OVERCURRENT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 8.
Figure 9.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40210-HT


Similar Part No. - TPS40210SHKK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210SHKK TI-TPS40210SHKK Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results

Similar Description - TPS40210SHKK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT Datasheet
850Kb / 37P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com