Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53311RGTT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53311RGTT
Description  3-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53311RGTT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53311RGTT Datasheet HTML 2Page - Texas Instruments TPS53311RGTT Datasheet HTML 3Page - Texas Instruments TPS53311RGTT Datasheet HTML 4Page - Texas Instruments TPS53311RGTT Datasheet HTML 5Page - Texas Instruments TPS53311RGTT Datasheet HTML 6Page - Texas Instruments TPS53311RGTT Datasheet HTML 7Page - Texas Instruments TPS53311RGTT Datasheet HTML 8Page - Texas Instruments TPS53311RGTT Datasheet HTML 9Page - Texas Instruments TPS53311RGTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1
2
3
4
EN
SYNC
PGD
VBST
12
11
10
9
16
VDD
AGND
FB
COMP
15
14
13
5
6
7
8
TPS53311
RGT Package
(Top View)
TPS53311
SLUSA41 – JUNE 2010
www.ti.com
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
11
G
Device analog ground terminal.
COMP
9
O
Error amplifier compensation terminal. Type III compensation method is recommended for stability.
EN
1
I
Enable. Internally pulled up to VDD with a 1.35-M
Ω resistor.
FB
10
I
Voltage feedback. Use for OVP, UVP and PGD determination.
PGD
3
O
Power good output flag. Open drain output. Pull up to an external rail via a resistor.
15
PGND
P
IC power GND terminal.
16
Mode configuration pin (with 10 µA current):
Connecting to ground: Forced CCM slave
Pulled high or floating (internal pulled high): Forced CCM master
PS
8
I
Connect with 24.3 k
Ω to GND: DE slave
Connect with 57.6 k
Ω to GND: HEF mode
Connect with 105 k
Ω to GND : reserved mode
Connect with 174 k
Ω to GND: DE master.
Synchronization signal for input interleaving. Master SYNC pin sends out 180° out-of-phase signal to slave
SYNC
2
B
SYNC. SYNC frequency must be within ±20% of slave nominal frequency.
5
SW
6
B
Output inductor connection to integrated power devices.
7
VBST
4
P
Supply input for high-side MOSFET (bootstrap terminal). Connect capacitor from this pin to SW terminal.
VDD
12
P
Input bias supply for analog functions.
13
VIN
P
Gate driver supply and power conversion voltage.
14
(1)
I – Input; B – Bidirectional; O – Output; G – Ground; P – Supply (or Ground)
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53311


Similar Part No. - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311RGTT TI-TPS53311RGTT Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com