Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53311RGTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53311RGTT
Description  3-A Step-Down Regulator with Integrated Switcher
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53311RGTT Datasheet(HTML) 2 Page - Texas Instruments

  TPS53311RGTT Datasheet HTML 1Page - Texas Instruments TPS53311RGTT Datasheet HTML 2Page - Texas Instruments TPS53311RGTT Datasheet HTML 3Page - Texas Instruments TPS53311RGTT Datasheet HTML 4Page - Texas Instruments TPS53311RGTT Datasheet HTML 5Page - Texas Instruments TPS53311RGTT Datasheet HTML 6Page - Texas Instruments TPS53311RGTT Datasheet HTML 7Page - Texas Instruments TPS53311RGTT Datasheet HTML 8Page - Texas Instruments TPS53311RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS53311
SLUSA41 – JUNE 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
ORDERABLE DEVICE
MINIMUM
TA
PACKAGE
PINS
OUTPUT SUPPLY
ECO PLAN
NUMBER
QUANTITY
TPS53311RGTR
16
Tape and reel
3000
–40°C to
Plastic QFN
Green (RoHS and no Pb/Br)
85°C
(RGT)
TPS53311RGTT
16
Mini reel
250
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
7
VBST
–0.3
17
Input voltage range
V
VBST(with respect to SW)
–0.3
7
FB, PS, VDD
–0.3
3.7
DC
–0.3
7
SW
Pulse < 20ns, E= 5mJ
–3
10
Output voltage range
PGD
–0.3
7
V
COMP, SYNC
–0.3
3.7
PGND
–0.3
0.3
Human Body Model (HBM)
2000
Electrostatic Discharge
V
Charged Device Model (CDM)
500
Ambient temperature
TA
–40
85
˚C
Storage temperature
Tstg
–55
150
˚C
Junction temperature
TJ
–40
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
VALUE
UNIT
MIN
NOM
MAX
VIN
2.9
6
VDD
2.9
3.3
3.5
VBST
–0.1
13.5
Input voltage range
V
VBST(with respect to SW)
–0.1
6
EN
–0.1
6
FB, PS
–0.1
3.5
SW
–1
6.5
PGD
–0.1
6
Output voltage range
V
COMP, SYNC
–0.1
3.5
PGND
–0.1
0.1
Junction temperature range, TJ
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53311


Similar Part No. - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311RGTT TI-TPS53311RGTT Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53311RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53314 TI1-TPS53314 Datasheet
972Kb / 31P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com