Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFCPA-5-05-19BLK Datasheet(PDF) 1 Page - Richco, Inc.

Part # OFCPA-5-05-19BLK
Description  OFSRG - Optical Fiber Strain Relief Gland, Optical Fiber Duplexer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

OFCPA-5-05-19BLK Datasheet(HTML) 1 Page - Richco, Inc.

  OFCPA-5-05-19BLK Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
The Optical Fiber Duplexer enables cables with aramid strands to be broken out and mechanically terminated. It
provides an easy-to-use assembly with no crimping, while still retaining a minimum of a 100N pull. Used with the
5mm diameter OFBLT at the output port, it gives full blend control and crush protection for ongoing fibers. The
Duplexer gives an easy-to-use lay through facility with internal fiber radius control.
The Duplexer gives a range of input adapters to cover OFBLT, fiber bundles, cable and patch cords from
2.5mm to 7.00mm in diameter. For cables up to 10.8mm in diameter, a rubber sleeve is provided. See cable
size chart below.
FIBER MANAGEMENT
206
773-539-4060 Samples: 1-800-621-1892
J
OFD
Optical Fiber Duplexer
OFCPA
Optical Fiber Cable and
Patch Cord Anchor
Features
• OFBLT retention: >100N
• The OFCPA can also be used as a
tube to tube uniter from OFBLT to
OFBLT
• For a Development Kit containing
all adapters order:
OFCPA-05-19BLK
Description
The Optical Fiber Cable and Patch Cord Anchor enables cables with aramid strands or similar strength
reinforcement to be mechanically terminated. It provides an easy-to-use assembly with no crimping, while still
retaining a minimum of 100N pull out. Up to 4 patch cords Ø2.5mm can be terminated in one anchor.
Features
• Tube retention: >100N
• For a Development Kit containing
all adapters, order:
OFD-C-05-19BLK
Material: Flame Retardant Nylon, RMS-19 (UL 94V0); Color: Black
Part Number
Standard Pack: 10/bag
Incoming Cable Size Diameter
Adapter Color
OFD-C-1-05-19BLK
.098 - .138 (2.5 - 3.5)
Black
OFD-C-2-05-19BLK
.118 - .157 (3.0 - 4.0)
Blue
OFD-C-3-05-19BLK
.161 - .197 (4.1 - 5.0)
Brown
OFD-C-4-05-19BLK
.200 - .236 (5.1 - 6.0)
Green
OFD-C-5-05-19BLK
.240 - .276 (6.1 - 7.0)
Red
OFD-C-6-05-19BLK
.280 - .335 (7.1 - 8.5)
Black Rubber
OFD-C-9-05-19BLK
.335 - .425 (8.5 - 10.8)
Black Rubber
OFD-C-7-05-19BLK
.197 (5.0) OFBLT
Split Black
OFD-C-8-635-19BLK
.250 (6.35) OFBLT
Split Blue
Part Number
“D” Ø
“A”
“d” Ø
“L”
OFCPA series
.51 (13.0)
.31 (8.0)
.20 (5.0)
1.46 (37.0)
Material: Flame Retardant Nylon 6/6 UL94 V0, RMS-19; Color: Black
Part Number
Standard Pack: 10/bag
Incoming Cable Size Diameter
Adapter Color
OFCPA-1-05-19BLK
.098 - .137 (2.5 - 3.5)
Black
OFCPA-2-05-19BLK
.118 - .157 (3.0 - 4.0)
Blue
OFCPA-3-05-19BLK
.161 - .196 (4.1 - 5.0)
Brown
OFCPA-4-05-19BLK
.200 - .236 (5.1 - 6.0)
Green
OFCPA-5-05-19BLK
.240 - .275 (6.1 - 7.0)
Red
OFCPA-6-05-19BLK
.280 - .335 (7.1 - 8.5)
Black Rubber
OFCPA-7-05-19BLK
.335 - .425 (8.5 - 10.8)
Black Rubber
OFCPA-T-05-19BLK
.196 (5.0) OFBLT
Split Black
OFCPA-T-635-19BLK
.196-.250 (5.0-6.35) OFBLT
Split Blue
Miniflex technology manufactured by Richco - Patented
Miniflex Technology manufactured by Richco - Patented
Features
• OFBLT retention: >100N
• Mid point or end termination of
OFBLT
• Provides secure fixing
OFSRG
Optical Fiber Strain Relief Gland
Description
The Optical Fiber Strain Relief Gland enables
ruggedized patch cords, or fiber bundles,
protected in OFBLT to be anchored to a
chassis, or distribution trunking system, by
the simple provision of a single hole.
The OFBLT is passed through the gland and
is secured by the integral Tube Gripper Clip.
This ensures a pull out resistance of over
100N while still ensuring a 30mm radius
bend control and crush protection.
Material: PVC • Color: Black
Part No.
Standard Pack: 10/bag
Ø ”D”
Ø ”d1”
Ø “d2”
Ø ”A”
“H”
“W”
OFSRG-05-BLK
.59 (15.0)
.20 (5.0)
.47 (12.0)
.43 (11.0)
1.46 (37.0)
0.12 (3.0)
Miniflex technology manufactured by Richco - Patented
Part Number
“L“
“W“
“w“
“H“
“d“
OFD series
1.95 (49.6)
0.64 (16.2)
0.52 (13.2)
0.31 (8.0)
0.20 (5.0)


Similar Part No. - OFCPA-5-05-19BLK

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
OFCP-50-19 RICHCO-OFCP-50-19 Datasheet
44Kb / 1P
   CHAIN PLATE
More results

Similar Description - OFCPA-5-05-19BLK

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FCC-6512-5 ROITHNER-FCC-6512-5 Datasheet
99Kb / 2P
   Optical Fiber Checker
logo
OPLINK Communications I...
DURA-S0317 OPLINK-DURA-S0317 Datasheet
176Kb / 2P
   Optical Fiber Switch
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
OPLINK Communications I...
OFMSMM OPLINK-OFMSMM Datasheet
213Kb / 2P
   Optical Fiber Switches
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1 ASSMANN-A-FB-00RLFJ-LC7-1 Datasheet
57Kb / 1P
   Waterproof Fiber Optical
logo
Richco, Inc.
OFFM-4-1 RICHCO-OFFM-4-1 Datasheet
135Kb / 1P
   FIBER MANAGEMENT - Optical Fiber Flat Manifold
logo
Glenair, Inc.
377HS040XB11 GLENAIR-377HS040XB11 Datasheet
217Kb / 1P
   Fiber-Optic Strain-Relief Backshell
logo
Richco, Inc.
OFTGSP-1-05-19 RICHCO-OFTGSP-1-05-19 Datasheet
96Kb / 1P
   Optical Fiber Tube Gripper Saddle, Optical Fiber Slotted Multi Bracket
logo
Silicon Touch Technolog...
42-DL211 SITI-42-DL211 Datasheet
117Kb / 6P
   Optical Fiber Transmitting IC
logo
Richco, Inc.
OFSH-4-1-01LA RICHCO-OFSH-4-1-01LA Datasheet
32Kb / 1P
   OPTICAL FIBER SPLICE HOLDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com