Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2811AMTTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP2811AMTTXG
Description  NOCAP Advanced Stereo Headphone Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2811AMTTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2811AMTTXG Datasheet HTML 1Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 2Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 3Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 4Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 5Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 6Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 7Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 8Page - ON Semiconductor NCP2811AMTTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP2811
http://onsemi.com
5
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
AVIN, PVIN Pins: Power Supply Voltage (Note 2)
VP
− 0.3 to + 6.0
V
INL, INR Pins: Input (Note 2)
A version
B version
VIN
−VP – 0.3 to VP + 0.3
−2 to +2
V
SD Pin: Input (Note 2)
VYY
−0.3 to VP + 0.3
V
Human Body Model (HBM) ESD Rating are (Note 3)
ESD HBM
2000
V
Machine Model (MM) ESD Rating are (Note 3)
ESD MM
200
V
CSP 1.5 x 2.0 mm package (Notes 6 and 7)
Thermal Resistance Junction to Case
RqJC
(Note 7)
°C/W
Operating Ambient Temperature Range
TA
−40 to + 85
°C
Operating Junction Temperature Range
TJ
−40 to + 125
°C
Maximum Junction Temperature (Note 6)
TJMAX
+ 150
°C
Storage Temperature Range
TSTG
−65 to + 150
°C
Moisture Sensitivity (Note 5)
MSL
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Notes:
1. Maximum electrical ratings are defined as those values beyond which damage to the device may occur at TA = 25°C.
2. According to JEDEC standard JESD22−A108B.
3. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM) ±2.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM) ±200 V per JEDEC standard: JESD22−A115 for all pins.
4. Latch up Current Maximum Rating: ±100 mA per JEDEC standard: JESD78 class II.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.
6. The thermal shutdown set to 150°C (typical) avoids irreversible damage on the device due to power dissipation.
7. The RJA is highly dependent of the PCB Heatsink area. For example, RJA can equal 195°C/W with 50 mm2 total area and also 135°C/W with
50 mm2. The bumps have the same thermal resistance and all need to be connected to optimize the power dissipation.
RqCA +
125 * TA
PD
* RqJC


Similar Part No. - NCP2811AMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815AFCT2G ONSEMI-NCP2815AFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCCT2G ONSEMI-NCP2815BFCCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2815BFCT2G ONSEMI-NCP2815BFCT2G Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
More results

Similar Description - NCP2811AMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com