Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386596L33 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS386596L33
Description  Quad Reset Supervisor with Manual Reset Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS386596L33 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS386596L33 Datasheet HTML 3Page - Texas Instruments TPS386596L33 Datasheet HTML 4Page - Texas Instruments TPS386596L33 Datasheet HTML 5Page - Texas Instruments TPS386596L33 Datasheet HTML 6Page - Texas Instruments TPS386596L33 Datasheet HTML 7Page - Texas Instruments TPS386596L33 Datasheet HTML 8Page - Texas Instruments TPS386596L33 Datasheet HTML 9Page - Texas Instruments TPS386596L33 Datasheet HTML 10Page - Texas Instruments TPS386596L33 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RP
RSL2
RSL3
RSH2
RSH3
TPS386596
SENSE1
SENSE3
SENSE2
VCC
GND
DSP
CPU
FPGA
RESET
____
RESET
____
DC-DC
LDO
DC-DC
LDO
DC-DC
LDO
VCC1
VCC3
VCC2
VIN
DC-DC
LDO
3.3V
SENSE4
VCC4
RSL4
RSH4
Sub CPU
MSP430
MR
__
TPS386596L33
www.ti.com
SLVSA75 – JULY 2010
Figure 4. Typical TPS386596L33 Application Diagram
MANUAL RESET
The manual reset MR input allows external logic signal from processors, other logic circuits, and/or discrete
sensors to initiate a reset. The typical application of a TPS386596 has its RESET output connected to processor.
A logic low at MR causes RESET to assert. After MR returns to a logic high and SENSEn are above their
respective voltage thresholds, RESET is released after a fixed 50ms reset delay time. An internal 100k
Ω pull-up
to VCC is integrated on the MR input. There is also an internal 50ns (typical) deglitch circuit.
Table 1. RESET Truth Table
CONDITION
OUTPUT
MR = L
SENSEn < VITn
RESET = L
Reset asserted
MR = L
SENSEn > VITn
RESET = L
Reset asserted
MR = H
SENSE1 < VIT1 OR
RESET = L
Reset asserted
SENSE2 < VIT2 OR
SENSE3 < VIT3 OR
SENSE4 < VIT4
MR = H
SENSE1 > VIT1 AND
RESET = H
Reset released
SENSE2 > VIT2 AND
SENSE3 > VIT3 AND
SENSE4 > VIT4
IMMUNITY TO SENSE PIN VOLTAGE TRANSIENTS
The TPS386596 is relatively immune to short negative transients on the SENSEn pins. Sensitivity to transients is
dependent on how much percentage the sense voltage drops below the threshold voltage, as shown in Figure 8.
See Figure 5 for the measurement technique.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS386596L33


Similar Part No. - TPS386596L33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596L33DGKR TI1-TPS386596L33DGKR Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33DGKT TI1-TPS386596L33DGKT Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results

Similar Description - TPS386596L33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com