Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS386596L33DGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS386596L33DGKR
Description  Quad Reset Supervisor with Manual Reset Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS386596L33DGKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS386596L33DGKR Datasheet HTML 1Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 2Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 3Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 4Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 5Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 6Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 7Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 8Page - Texas Instruments TPS386596L33DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPS386596L33
SLVSA75 – JULY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web
site at www.ti.com.
Custom threshold voltages from 0.80V to 4.6V, 4.8V to 6.0V are available through the use of factory EEPROM programming. Minimum
order quantities apply. Contact factory for details and availability.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
TPS386596
UNIT
Input voltage range, VCC
–0.3 to 7.0
V
Other voltage ranges: VMR, VSENSE1, VSENSE2, VSENSE3, VSENSE4, VRESET
–0.3 to 7.0
V
RESETpin current
5
mA
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
Continuous total power dissipation
See Thermal Information
Table
Operating virtual junction temperature range, TJ
–40 to 150
°C
Operating ambient temperature range, TA
–40 to 125
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA
THERMAL INFORMATION
TPS386596
THERMAL METRIC(1)
UNITS
DGK (8 PINS)
qJA
Junction-to-ambient thermal resistance
183.8
qJCtop
Junction-to-case (top) thermal resistance
70.7
qJB
Junction-to-board thermal resistance
72.8
°C/W
yJT
Junction-to-top characterization parameter
4.9
yJB
Junction-to-board characterization parameter
68.4
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS386596L33


Similar Part No. - TPS386596L33DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596L33DGKR TI1-TPS386596L33DGKR Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
More results

Similar Description - TPS386596L33DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
Maxim Integrated Produc...
MAX16140 MAXIM-MAX16140 Datasheet
437Kb / 12P
   nanoPower, Tiny Supervisor with Manual Reset Input
Rev 4; 2/19
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
   Reset Circuits with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com