Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2410-79-G-BC-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 2410-79-G-BC-S
Description  2410 Series - 5-Pin Multi-Stage Protector (MSP짰)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2410-79-G-BC-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  2410-79-G-BC-S Datasheet HTML 1Page - Bourns Electronic Solutions 2410-79-G-BC-S Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19.0
(0.75)
11.2
(0.440)
5.6
(0.220)
42.17
(1.66)
29.9
(1.18)
10.2
(0.40)
2410-3 MODULE
5.1
(0.20)
11.2
(0.44)
12.8
(0.50)
2.2
(.085)
DIA.
2 PLCS.
2.3
(.092)
DIA.
5 PLCS.
3.6
(0.14)
6.1
(0.240)
5.7
(0.223)
“MSP” and “TRIGARD” are registered trademarks of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
2410 Series - 5-Pin Multi-Stage Protector (MSP®)
Product Dimensions
REV. N 09/15/09
DIMENSIONS:
MM
(INCHES)
How To Order
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
2410 - X XX - X - XXX - XX
Model Number Designator
Module Length
3 = Standard: 52.37 mm (2.06 in.)
7 = Special Short: 41.19 mm (1.62 in.)
Housing Color/Circuit Type
1 = Black/Standard
6 = Blue/Standard
10 = Yellow/Standard
3 = Red/Special
9 = Orange/Standard Service (non-Bridgelifter)
Pin Plating
G = Gold Plated
N = Tin Plated
Protector Type
MSP® = Multi-Stage Protector
BC = Balanced Capacitance*
Special Options
S = Sealed Case
ST = Sealed Case and Test Points**
T = Test Points**
*For use on DSL Systems that require balanced capacitance of ≤1 pF.
**T and ST options are not available on 2410-7x short module.
30.99
(1.22)
24.9
(0.98)
10.2
(0.40)
2410-7 MODULE
5.1
(0.20)
6.15
(0.24)


Similar Part No. - 2410-79-G-BC-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410-79G-BC-S BOURNS-2410-79G-BC-S Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
2410-79G-BC-ST BOURNS-2410-79G-BC-ST Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
2410-79G-BC-T BOURNS-2410-79G-BC-T Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
2410-79G-MSP-S BOURNS-2410-79G-MSP-S Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
2410-79G-MSP-ST BOURNS-2410-79G-MSP-ST Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
More results

Similar Description - 2410-79-G-BC-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2410 BOURNS-2410 Datasheet
158Kb / 2P
   5-Pin Multi-Stage Protector (MSP)
242031GS BOURNS-242031GS Datasheet
234Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
2420-31-G-S BOURNS-2420-31-G-S Datasheet
199Kb / 2P
   5-Pin Gas Discharge Tube (GDT) Protector
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
TAI-SAW TECHNOLOGY CO.,...
TA1913A TAI-SAW-TA1913A Datasheet
259Kb / 7P
   SAW Filter 2410 MHz
TA1913B TAI-SAW-TA1913B Datasheet
438Kb / 7P
   SAW Filter 2410 MHz
logo
II-VI Marlow, Inc.
SP2394 VIMARLOW-SP2394 Datasheet
214Kb / 2P
   Multi-Stage Thermoelectric Cooler
logo
Schaffner International...
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
logo
Micro Commercial Compon...
ESD5V0T143-4U MCC-ESD5V0T143-4U Datasheet
208Kb / 4P
   5 Volts ESD Protector
logo
Advantech Co., Ltd.
232SP9 ADVANTECH-232SP9 Datasheet
330Kb / 1P
   Single-stage Surge Protector ??RS-232, DB9 Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com