Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A3 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 1A3
Description  MINIATURE PLASTIC RECTIFIERVOLTAGE50 TO 1000V CURRENT 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1A3 Datasheet(HTML) 1 Page - Gulf Semiconductor

  1A3 Datasheet HTML 1Page - Gulf Semiconductor 1A3 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1A1 THRU 1A7
MINIATURE
PLASTIC RECTIFIER
VOLTAGE50 TO 1000V
CURRENT 1.0A
FEATURE
R - 1
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
TerminalPlated axial leads solderable per
MIL-STD 202E, method 208C
CaseMolded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polaritycolor band denotes cathode
Mounting positionany
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
1A1
1A2
1A3
1A4
1A5
1A6
1A7
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =25
°C,
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
25.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.1
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
50.0
µA
µA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
50.0
°C/W
Storage and Operation Junction Temperature
Tstg
-50 to +150
°C
Note
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
Rev.A4
www.gulfsemi.com


Similar Part No. - 1A3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A3 PANJIT-1A3 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Leshan Radio Company
1A3 LRC-1A3 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Won-Top Electronics
1A3 WTE-1A3 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Diode Semiconductor Kor...
1A3 DSK-1A3 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Microdiode Electronics ...
1A3 CHENDA-1A3 Datasheet
648Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A3

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
FR101 GULFSEMI-FR101 Datasheet
1,019Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1G1 GULFSEMI-1G1 Datasheet
638Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER VOLTAGE50 TO 1000V CURRENT 1.0A
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com