Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5398G Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 1N5398G
Description  GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N5398G Datasheet(HTML) 1 Page - Gulf Semiconductor

  1N5398G Datasheet HTML 1Page - Gulf Semiconductor 1N5398G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5391G THRU 1N5399G
GENERAL PURPOSE
GLASS PASSIVATED JUNCTION RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.5A
FEATURE
DO-15\DO-204AC
Molded case feature for auto insertion
Glass Passivated junction
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
1N53
91G
1N53
92G
1N53
93G
1N53
94G
1N53
95G
1N53
96G
1N53
97G
1N53
98G
1N53
99G
units
*
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
300
400
500
600
800
1000
V
*
Maximum RMS Voltage
Vrms
35
70
140
210
280
350
420
560
700
V
*
Maximum DC blocking Voltage
Vdc
50
100
200
300
400
500
600
800
1000
V
*
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =25
°C
If(av)
1.5
A
*
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
50.0
A
*
Maximum Instantaneous Forward Voltage
at 1.5A
Vf
1.4
V
*
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10.0
200.0
µA
µA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
50.0
°C/W
*
Storage and Operation Junction Temperature
Tstg
-50 to +150
°C
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
* JEDEC Registered value
Rev.A1
www.gulfsemi.com


Similar Part No. - 1N5398G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5398G CHENYI-1N5398G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
SAMYANG ELECTRONICS CO....
1N5398G SAMYANG-1N5398G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
1N5398G MIC-1N5398G Datasheet
47Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Diode Semiconductor Kor...
1N5398G DSK-1N5398G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Dc Components
1N5398G DCCOM-1N5398G Datasheet
379Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
More results

Similar Description - 1N5398G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RL151G LRC-RL151G_11 Datasheet
176Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
logo
Gulf Semiconductor
RU2AG GULFSEMI-RU2AG Datasheet
107Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGPP15A GULFSEMI-RGPP15A Datasheet
81Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Leshan Radio Company
RL201G LRC-RL201G Datasheet
171Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
logo
Gulf Semiconductor
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com