Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3329M-DK9-103LF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3329M-DK9-103LF
Description  3329 - 1/4 ??Round Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3329M-DK9-103LF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3329M-DK9-103LF Datasheet HTML 1Page - Bourns Electronic Solutions 3329M-DK9-103LF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Standard Resistance Table
Popular distribution resistance values listed in
boldface. Special resistances available.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
REV. 09/07
SIDE ADJUST
3329M-1
12.70
(.500)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
8.38 ± .51
(.33 ± .02)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
26.4 ± .76
(1.040 ± .030)
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.1 ± .25
(.240 ± .010)
3.43 ± .25
(.135 ± .010)
.457 ± .051
(.018 ± .002)
REF.
DIA.
18.034 ± 0.762
(.71 ± .03)
DIA. TYP.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
18 ± .76
(.709 ± .030)
TOP ADJUST
3329U-1
4.0 ± 0.3
(.157 ± .012)
1
2
3
6.35 ± .5
(.250 ± .020)
2.79 ± .25
(.110 ± .010)
24.38 ± 0.76
(.960 ± .030)
6.35
(.250)
18 + 1.0/ - 0.5
(.709 + .039/ .020)
12.70 + 0.3/ - 0.25
(.500 + .012/ - .010)
12.70
(.500)
REF.
MAX.
DIA.
ALL PINS IN-LINE ON
CENTER
DIMENSIONS:
1000/REEL/BOX
2.54
(.100)
MM
(INCHES)
Packaging Specifications
Meets EIA Specification 468.
3329 - 1/4 ” Round Trimming Potentiometer


Similar Part No. - 3329M-DK9-103LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329M-DK9-103LF BOURNS-3329M-DK9-103LF Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
3329M-DK9-103LF BOURNS-3329M-DK9-103LF Datasheet
176Kb / 2P
   3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3329M-DK9-103LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3329H-1-204LF BOURNS-3329H-1-204LF Datasheet
118Kb / 2P
   3329 - 1/4 Round Trimming Potentiometer
3329S-1-502 BOURNS-3329S-1-502 Datasheet
176Kb / 2P
   3329 - 1/4 Round Trimpot Trimming Potentiometer
3329 BOURNS-3329_10 Datasheet
176Kb / 2P
   3329 - 1/4 ??Round Trimpot짰 Trimming Potentiometer
logo
Suntan Capacitors
TSR-3329 SUNTAN-TSR-3329 Datasheet
552Kb / 1P
   Circularity Trimming Potentiometer - 3329
TSR-3361 SUNTAN-TSR-3361 Datasheet
889Kb / 1P
   Circularity Trimming Potentiometer - 3329
TSR-3329 SUNTAN-TSR-3329_17 Datasheet
237Kb / 1P
   Circularity Trimming Potentiometer ??3329
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
3309-9 BOURNS-3309-9 Datasheet
132Kb / 2P
   Round Trimming Potentiometer
3345 BOURNS-3345 Datasheet
74Kb / 1P
   1/2 ?앪?Round Trimming Potentiometer
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
   Round Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com