Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDS1E-14-01 Datasheet(PDF) 1 Page - Richco, Inc.

Part # LEDS1E-14-01
Description  LED SPACERS (TYPE 1E)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

LEDS1E-14-01 Datasheet(HTML) 1 Page - Richco, Inc.

  LEDS1E-14-01 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.08 2.0
.04 1.0
NOTES:
1. MATERIAL: NYLON 6/6 (RMS-01)
FLAME RETARDANT, NYLON (RMS-19)
AVAILABLE BY SPECIAL ORDER ONLY.
2. COLOR: NATURAL
.04 1.0
DATE
ENGR.
TYPE
A
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
FILE #:
PRINT
DESCRIPTION
1
A
11/19/04
-
LEDS1E
SM
-
FINAL
DWG IN
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
RE:
RICHCO, INC.
OF
SOLIDWORKS
CREATED USING
1
LED SPACERS (TYPE 1E)
TITLE:
ANG.=±1°
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
REV.
A
02/27/02
SM
ADDED NOTES AND CHANGED FILE NO.
B
11/19/04
SM
COMPLETELY REDRAWN- SEE ECN #882
2.0
3.6
"A"
.14
.08
.04 1.0
PART NO.
"A"
LEDS1E-3-01 3/16 [4.8]
LEDS1E-4-01
1/4 [6.4]
LEDS1E-6-01
3/8 [9.5]
LEDS1E-8-01 1/2 [12.7]
LEDS1E-10-01 5/8 [15.9]
LEDS1E-12-01 3/4 [19.1]
LEDS1E-14-01 7/8 [22.2]
LEDS1E-16/01
1 [25.4]


Similar Part No. - LEDS1E-14-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
   LED SPACERS
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
   LED SPACERS
logo
List of Unclassifed Man...
LEDS1-4-26 ETC2-LEDS1-4-26 Datasheet
57Kb / 1P
   LED SPACERS
logo
Richco, Inc.
LEDS1-6-26 RICHCO-LEDS1-6-26 Datasheet
57Kb / 1P
   LED SPACERS
logo
List of Unclassifed Man...
LEDS1-6-26 ETC2-LEDS1-6-26 Datasheet
57Kb / 1P
   LED SPACERS
More results

Similar Description - LEDS1E-14-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDS1-3-26 ETC2-LEDS1-3-26 Datasheet
57Kb / 1P
   LED SPACERS
logo
Richco, Inc.
LEDS1-4-26 RICHCO-LEDS1-4-26 Datasheet
57Kb / 1P
   LED SPACERS
SQLEDS1-4-26 RICHCO-SQLEDS1-4-26 Datasheet
46Kb / 1P
   SQUARE LED SPACERS
logo
YAMAHA CORPORATION
YMF754 YAMAHA-YMF754 Datasheet
305Kb / 60P
   DS-1E
logo
List of Unclassifed Man...
LED3-16 ETC2-LED3-16 Datasheet
110Kb / 2P
   LED3 Series - LED Spacers and Holders
logo
TRACO Electronic AG
TEA1E TRACOPOWER-TEA1E Datasheet
2Mb / 3P
   TEA 1E Series, 1 Watt
Rev. November 30, 2022
logo
Richco, Inc.
R910-4 RICHCO-R910-4 Datasheet
26Kb / 1P
   NYLON SPACERS
logo
List of Unclassifed Man...
1483 ETC2-1483 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Harwin Plc
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
   CLEARANCE SPACERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com