Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N25Q128A11ESFA0F Datasheet(PDF) 11 Page - Numonyx B.V

Part # N25Q128A11ESFA0F
Description  128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

N25Q128A11ESFA0F Datasheet(HTML) 11 Page - Numonyx B.V

Back Button N25Q128A11ESFA0F Datasheet HTML 7Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 8Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 9Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 10Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 11Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 12Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 13Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 14Page - Numonyx B.V N25Q128A11ESFA0F Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 185 page
background image
N25Q128 - 1.8 V
List of figures
11/185
Figure 101. Deep Power-down instruction sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160
Figure 102. N25Q128 Read functionality Flow Chart . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Figure 103. XIP mode directly after power on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Figure 104. XiP: enter by VCR 2/2 (QIOFR in normal SPI protocol example) . . . . . . . . . . . . . . . . . . . 165
Figure 105. Power-up timing, Fast POR selected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Figure 106. Power-up timing, Fast POR not selected . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Figure 107. AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Figure 108. Reset AC waveforms: program or erase cycle is in progress . . . . . . . . . . . . . . . . . . . . . . 174
Figure 109. Serial input timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175
Figure 110. Write protect setup and hold timing during WRSR when SRWD=1 . . . . . . . . . . . . . . . . . 176
Figure 111. Hold timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 176
Figure 112. Output timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 177
Figure 113. VPPH timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 177
Figure 114. VDFPN8 (MLP8) 8-lead very thin dual flat package no lead,
8 × 6 mm, package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 178
Figure 115. SO16 wide - 16-lead plastic small outline, 300 mils body width, package outline . . . . . . 179
Figure 116. TBGA - 6 x 8 mm, 24-ball, mechanical package outline . . . . . . . . . . . . . . . . . . . . . . . . . . 180


Similar Part No. - N25Q128A11ESFA0F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11ESF40x MICRON-N25Q128A11ESF40x Datasheet
1Mb / 83P
   Micron Serial NOR Flash Memory
More results

Similar Description - N25Q128A11ESFA0F

ManufacturerPart #DatasheetDescription
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q032A13E1241F MICRON-N25Q032A13E1241F Datasheet
5Mb / 153P
   32-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase, XiP enabled, serial flash memory with 108 MHz SPI bus interface
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX64-VMF6TP NUMONYX-M25PX64-VMF6TP Datasheet
1Mb / 70P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25PX32 STMICROELECTRONICS-M25PX32 Datasheet
550Kb / 63P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX32 NUMONYX-M25PX32 Datasheet
1Mb / 65P
   32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M25PX64 NUMONYX-M25PX64 Datasheet
1Mb / 66P
   64-Mbit, dual I/O, 4-Kbyte subsector erase, serial flash memory with 75 MHz SPI bus interface
NP5Q128A13ESFC0E NUMONYX-NP5Q128A13ESFC0E Datasheet
1Mb / 56P
   128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com