Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV95-2 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # BYV95-2
Description  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600 TO 1000V CURRENT: 1.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYV95-2 Datasheet(HTML) 1 Page - Gulf Semiconductor

  BYV95-2 Datasheet HTML 1Page - Gulf Semiconductor BYV95-2 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV95-0 THRU BYV95-4
SINTERED GLASS JUNCTION
FAST AVALANCHE RECTIFIER
VOLTAGE: 600 TO 1000V
CURRENT: 1.5A
FEATURE
SOD-57
Glass passivated
Hermetically sealed axial-leaded glass envelope
Low reverse current
High reverse voltage
Guaranteed avalanche characteristics
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
BYV95-0
BYV95-1
BYV95-2
BYV95-3
BYV95-4
units
Maximum Recurrent Peak Reverse Voltage
VRRM
600
700
750
850
1000
V
Maximum RMS Voltage
VRMS
420
490
525
595
700
V
Maximum DC blocking Voltage
VDC
600
700
750
850
1000
V
Reverse Breakdown Voltage
at IR = 100
µA
V(BR)R
700min
800max
800min
900max
850min
950max
950min
1100max
1100min
1300max
V
Maximum Reverse Avalanche Voltage
at IR = 1.5A/5
µs
VAVAL
900
1000
1050
1200
1400
V
Maximum Average Forward Rectified Current
IFAV
1.5
A
Peak Forward Surge Current at Tp=10ms half
sinewave
IFSM
35.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
IF = 1.0A
VF
1.60
V
Maximum DC Reverse Current
Ta = 25
°C
at rated DC blocking voltage
Ta = 150
°C
IR
1.0
150
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
250
300
nS
Non Repetitive Reverse Avalanche Energy
at IBR(R) = 2.5A
ER
10
mJ
Typical Thermal Resistance
(Note 2)
RthJA
45
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +175
Note:
1. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. lead length I=10mm
Rev.A1
www.gulfsemi.com


Similar Part No. - BYV95-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95 PHILIPS-BYV95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
General Semiconductor
BYV95 GE-BYV95 Datasheet
52Kb / 2P
   MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
BYV95 DIGITRON-BYV95 Datasheet
96Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
BYV95A SUNMATE-BYV95A Datasheet
323Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYV95A DSK-BYV95A Datasheet
269Kb / 2P
   ZENER DIODES
More results

Similar Description - BYV95-2

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYV36E GULFSEMI-BYV36E Datasheet
74Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYM26E GULFSEMI-BYM26E Datasheet
68Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1000V CURRENT: 2.3A
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
BYV36D GULFSEMI-BYV36D Datasheet
75Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 1.5A
BYV36G GULFSEMI-BYV36G Datasheet
74Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 1.5A
BYV95B GULFSEMI-BYV95B Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.5A
BYV95C GULFSEMI-BYV95C Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
GUFB15M GULFSEMI-GUFB15M Datasheet
102Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
BYV26EAGP GULFSEMI-BYV26EAGP Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com