Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK-3092 Datasheet(PDF) 8 Page - Knowles Electronics

Part # EK-3092
Description  Electret condenser microphone - Supply Voltage range: 0.9 to 10V DC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

EK-3092 Datasheet(HTML) 8 Page - Knowles Electronics

  EK-3092 Datasheet HTML 1Page - Knowles Electronics EK-3092 Datasheet HTML 2Page - Knowles Electronics EK-3092 Datasheet HTML 3Page - Knowles Electronics EK-3092 Datasheet HTML 4Page - Knowles Electronics EK-3092 Datasheet HTML 5Page - Knowles Electronics EK-3092 Datasheet HTML 6Page - Knowles Electronics EK-3092 Datasheet HTML 7Page - Knowles Electronics EK-3092 Datasheet HTML 8Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EKSERIES
Knowles Electronics, Inc.
Knowles Europe
Knowles Electronics Taiwan, Ltd.
1151 Maplewood Drive
York Road, Burgess Hill
53 Pao Hsing Road
Itasca, Illinois 60143
West Sussex, RH15 9TT, England
Hsin Tien City, Taipei, Taiwan
Phone: (630) 250-5100
Phone: (44) 1444 235432
Republic of China
Fax:
(630) 250-0575
Fax:
(44) 1444 248724
Phone: (886) 2 2911 4931
www.knowles.com
Fax:
(886) 2 2918 6868
Knowles Electronics Japan KK
Micromax Pty. Ltd.
Kyodo Bloom Building
P.O. Box 1238
19-1 Miyasaka 2-Chome
Wollongong N.S.W.
Setagaya-Ku, Tokyo 156-0051, Japan
2500, Australia
Phone: (81) 3 3439 1151
Phone: (61) 2 4226 6777
Fax:
(81) 3 3439 8822
Fax:
(61) 2 4226 6602
NOTE: Specifications are subject to change without notice. The information on this Data Sheet reflects typical applications. Specific test specifications defining
each model are available by requesting Outline Drawing Sheets 1.1 and Performance Specifications Sheets 2.1 of that model number. Knowles’ responsibility is
limited to compliance with the Outline Drawing and the Performance Specification application to the subject model at time of manufacture.
8
Issue 04 - 0801
Knowles Electronics, Inc.
1/3 Octave Equivalent Noise & Output Noise
EK-3024
EK-3024
100
125
160
200
250
315
400
500
630
800 1000 1250 1600 2000 2500 3150 4000 5000 6300 8000 10000
1/3 Octave Bands (Hz)
30
25
20
15
10
5
0
100
125
160
200
250
315
400
500
630
800 1000 1250 1600 2000 2500 3150 4000 5000 6300 8000 10000
1/3 Octave Bands (Hz)
40
20
0
-20


Similar Part No. - EK-3092

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
EK-30436-P03 KNOWLES-EK-30436-P03 Datasheet
140Kb / 2P
   MICROPHONE
More results

Similar Description - EK-3092

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
   electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
   electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
   electret condenser microphone
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
   Electret Condenser Microphone
EM-9745 SOBERTON-EM-9745 Datasheet
437Kb / 5P
   Electret Condenser Microphone
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com