Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5484IRGCR Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5484IRGCR
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484IRGCR Datasheet(HTML) 5 Page - Texas Instruments

  ADS5484IRGCR Datasheet HTML 1Page - Texas Instruments ADS5484IRGCR Datasheet HTML 2Page - Texas Instruments ADS5484IRGCR Datasheet HTML 3Page - Texas Instruments ADS5484IRGCR Datasheet HTML 4Page - Texas Instruments ADS5484IRGCR Datasheet HTML 5Page - Texas Instruments ADS5484IRGCR Datasheet HTML 6Page - Texas Instruments ADS5484IRGCR Datasheet HTML 7Page - Texas Instruments ADS5484IRGCR Datasheet HTML 8Page - Texas Instruments ADS5484IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS (ADS5484, ADS5485) (continued)
Typical values at TA = 25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = max rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5484
ADS5485
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC ACCURACY
No missing codes,
DNL
Differential nonlinearity error
-0.99
±0.5
1.0
-0.99
±0.5
1.0
LSB
fIN = 30 MHz
INL
Integral nonlinearity error
fIN = 30 MHz
-10
±3
+10
-10
±3
+10
LSB
Offset error
-15
15
-15
15
mV
Offset temperature coefficient
-0.02
-0.02
mV/°C
Gain error
-6
±2
6
-6
±2
6
%FS
Gain temperature coefficient
-0.01
-0.01
mV/°C
POWER SUPPLY
IAVDD5
5-V analog current
310
330
310
330
mA
IAVDD3
3.3-V analog current
126
150
126
150
mA
VIN = Full-scale, fIN = 30 MHz,
fS = Max rated, Normal operation
IDVDD3
3.3-V digital/LVDS current
60
65
60
65
mA
Total power dissipation
2.16
2.35
2.16
2.35
W
IAVDD5
5-V analog current
98
98
mA
IAVDD3
3.3-V analog current
35
35
mA
Light sleep mode (PDWNF = H,
PDWNS = L)
IDVDD3
3.3-V digital/LVDS current
0.07
0.07
mA
Total power dissipation
600
680
600
680
mW
IAVDD5
5-V analog current
13
13
mA
IAVDD3
3.3-V analog current
1
1
mA
Deep sleep mode (PDWNF = L,
PDWNS = H)
IDVDD3
3.3-V digital/LVDS current
0.07
0.07
mA
Total power dissipation
70
100
70
100
mW
Fast wake-up time (light sleep)
From PDWNF disabled
600
600
μS
Slow wake-up time (deep sleep)
From PDWNS disabled
6
6
mS
AVDD5 supply
60
60
dB
Power-supply rejection ratio,
Without 0.1-
μF board supply
PSRR
AVDD3 supply
80
80
dB
capacitors, with 1-MHz supply
noise (see Figure 46)
DVDD3 supply
95
95
dB
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
75
76.8
73.5
75.8
fIN = 30 MHz
74.5
75.9
73
75
fIN = 70 MHz
75.7
75
SNR
Signal-to-noise ratio, dither disabled
dBFS
fIN = 130 MHz
73.5
75.7
72
74.8
fIN = 170 MHz
75.6
74.8
fIN = 230 MHz
74.9
74.4
fIN = 10 MHz
84
95
84
93
fIN = 30 MHz
84
91
82
90
fIN = 70 MHz
87
87
Spurious-free dynamic range, dither
SFDR
dBc
disabled
fIN = 130 MHz
78
86
78
85
fIN = 170 MHz
81
78
fIN = 230 MHz
73
73
fIN = 10 MHz
84
100
84
100
fIN = 30 MHz
84
95
82
95
fIN = 70 MHz
95
95
HD2
Second-harmonic, dither disabled
dBc
fIN = 130 MHz
78
87
78
85
fIN = 170 MHz
81
78
fIN = 230 MHz
73
73
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5484 ADS5485


Similar Part No. - ADS5484IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484IRGCR TI-ADS5484IRGCR Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCR TI-ADS5484IRGCR Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5484IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484 TI-ADS5484_1 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com