Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8332IRGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8332IRGET
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8332IRGET Datasheet(HTML) 3 Page - Texas Instruments

  ADS8332IRGET Datasheet HTML 1Page - Texas Instruments ADS8332IRGET Datasheet HTML 2Page - Texas Instruments ADS8332IRGET Datasheet HTML 3Page - Texas Instruments ADS8332IRGET Datasheet HTML 4Page - Texas Instruments ADS8332IRGET Datasheet HTML 5Page - Texas Instruments ADS8332IRGET Datasheet HTML 6Page - Texas Instruments ADS8332IRGET Datasheet HTML 7Page - Texas Instruments ADS8332IRGET Datasheet HTML 8Page - Texas Instruments ADS8332IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS: VA = 2.7V
At TA = –40°C to +85°C, VA = 2.7V, VBD = 1.65V to 2.7V, VREF = 2.5V, and fSAMPLE = 500kSPS, unless otherwise noted.
ADS8331I, ADS8332I
ADS8331IB, ADS8332IB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage (1)
INX – COM, ADCIN – COM
0
VREF
0
VREF
V
INX, ADCIN
AGND – 0.2
VA + 0.2
AGND – 0.2
VA + 0.2
V
Absolute input voltage
COM
AGND – 0.2
AGND + 0.2
AGND – 0.2
AGND + 0.2
V
Input capacitance
ADCIN
40
45
40
45
pF
Input leakage current
Unselected ADC input
–1
1
–1
1
nA
SYSTEM PERFORMANCE
Resolution
16
16
Bits
No missing codes
16
16
Bits
INL
Integral linearity
–3
±2
3
–2
±1.2
2
LSB(2)
DNL
Differential linearity
–1
±0.6
2
–1
±0.6
1.5
LSB(2)
EO
Offset error(3)
–0.5
±0.15
0.5
–0.5
±0.15
0.5
mV
Offset error drift
±1
±1
PPM/°C
Offset error matching
±0.2
±0.2
mV
EG
Gain error
–0.25
–0.06
0.25
–0.25
–0.06
0.25
%FSR
Gain error drift
±0.4
±0.4
PPM/°C
Gain error matching
–0.003
0.003
–0.003
0.003
%FSR
Transition noise
28
28
μV RMS
PSRR
Power-supply rejection ratio
74
74
dB
SAMPLING DYNAMICS
tCONV
Conversion time
18
18
CCLK
tSAMPLE1
Manual-Trigger mode
3
3
CCLK
Acquisition time
tSAMPLE2
Auto-Trigger mode
3
3
CCLK
Throughput rate
500
500
kSPS
Aperture delay
15
15
ns
Aperture jitter
10
10
ps
Step response
100
100
ns
Overvoltage recovery
100
100
ns
DYNAMIC CHARACTERISTICS
VIN = 2.5VPP at 1kHz
–101
–101
dB
THD
Total harmonic distortion (4)
VIN = 2.5VPP at 10kHz
–95
–95
dB
VIN = 2.5VPP at 1kHz
88
89
dB
SNR
Signal-to-noise ratio
VIN = 2.5VPP at 10kHz
86.5
87.5
dB
VIN = 2.5VPP at 1kHz
87.5
88.5
dB
SINAD
Signal-to-noise + distortion
VIN = 2.5VPP at 10kHz
86
87
dB
VIN = 2.5VPP at 1kHz
103
103
dB
SFDR
Spurious-free dynamic range
VIN = 2.5VPP at 10kHz
98
98
dB
VIN = 2.5VPP at 1kHz
125
125
dB
Crosstalk
VIN = 2.5VPP at 100kHz
108
108
dB
INX – COM with MUXOUT
17
17
MHz
tied to ADCIN
–3dB small-signal bandwidth
ADCIN – COM
30
30
MHz
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
Measured relative to an ideal full-scale input (INX – COM) of 2.5V when VA = 2.7V.
(4)
Calculated on the first nine harmonics of the input frequency.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8331 ADS8332


Similar Part No. - ADS8332IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8332IRGET TI-ADS8332IRGET Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IRGET TI-ADS8332IRGET Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8332IRGET TI1-ADS8332IRGET Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8332IRGET TI1-ADS8332IRGET Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Similar Description - ADS8332IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
[Old version datasheet]   Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com