Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPA1N5DF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJPA1N5DF
Description  High Power Type PF, PE, PC, PA, PB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPA1N5DF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJPA1N5DF Datasheet HTML 1Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 2Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 3Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 4Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 5Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 6Page - Panasonic Semiconductor ELJPA1N5DF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPF2N2DFB
2.2
D : ±0.3 nH
100
7
100
5300
0.040
1900
ELJPF2N7DFB
2.7
5300
0.050
1800
ELJPF3N3DFB
3.3
5000
0.070
1500
ELJPF3N9DFB
3.9
4800
0.080
1400
ELJPF4N7DFB
4.7
4600
0.100
1300
ELJPF5N6DFB
5.6
4200
0.120
1200
ELJPF6N8JFB
6.8
J : ± 5 %
4000
0.160
1100
ELJPF8N2JFB
8.2
3700
0.210
900
ELJPF10NJFB
10
3200
0.260
750
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PF Type 1005 (0402)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
10000 pcs./Reel
Standard Parts
Oct. 2006


Similar Part No. - ELJPA1N5DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA100KF PANASONIC-ELJPA100KF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPA100KF PANASONIC-ELJPA100KF Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPA100KF PANASONIC-ELJPA100KF Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
ELJPA100KF2 PANASONIC-ELJPA100KF2 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPA100KF2 PANASONIC-ELJPA100KF2 Datasheet
220Kb / 10P
   Low DCR and large current capability, suitable for power circuitry.
More results

Similar Description - ELJPA1N5DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
   Pb BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com