Electronic Components Datasheet Search |
|
3315R-015-016 Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
3315R-015-016 Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 3315 - 9 mm Square Sealed Incremental Encoder How to Order 3315 Y - 0 0 1 - 006 L Model Number Designator 3315 = 9 mm Encoder Terminal Style Designator C = In-line Straight Terminals Side Exit R = In-line Terminals Rear Exit P = 5.08 mm x 2.54 mm Triangular Pattern Rear Exit Y = 5.08 mm x 5.08 mm Triangular Pattern Rear Exit Shaft End Designator 0 = Shaft End Slotted 1 = Shaft End Flatted Shaft Length Designator 0 = 12.7 mm FMS Long Plastic Shaft (Available w/bushing only) 1 = 19.05 mm FMS Long Plastic Shaft (Available w/bushing only) 2 = 5.59 mm FMS (Bushingless version only) Bushing Designator 1 = 6.35 mm x 6.35 mm Plastic 2 = 6.35 mm x 6.35 mm Ni Plated Brass 5 = Bushingless (Board Level) Pulses per Revolution Code 006 = 6 PPR 016 = 16 PPR RoHS Identifier L = Compliant Blank = Non-Compliant |
Similar Part No. - 3315R-015-016 |
|
Similar Description - 3315R-015-016 |