Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6137IRGCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F6137IRGCR
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F6137IRGCR Datasheet(HTML) 2 Page - Texas Instruments

  CC430F6137IRGCR Datasheet HTML 1Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 2Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 3Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 4Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 5Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 6Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 7Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 8Page - Texas Instruments CC430F6137IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
DESCRIPTION
The Texas Instruments CC430 family of ultralow-power microcontroller system-on-chip with integrated RF
transceiver cores consists of several devices featuring different sets of peripherals targeted for a wide range of
applications. The architecture, combined with five low-power modes is optimized to achieve extended battery life
in portable measurement applications. The device features the powerful MSP430™ 16-bit RISC CPU, 16-bit
registers, and constant generators that contribute to maximum code efficiency.
The CC430 family provides a tight integration between the microcontroller core, its peripherals, software, and the
RF transceiver, making these true system-on-chip solutions easy to use as well as improving performance.
The CC430F61xx series are microcontroller system-on-chip configurations combining the excellent performance
of the state-of-the-art CC1101 sub-1-GHz RF transceiver with the MSP430 CPUXV2, up to 32 kB of in-system
programmable flash memory, up to 4 kB of RAM, two 16-bit timers, a high-performance 12-bit A/D converter with
eight external inputs plus internal temperature and battery sensors on CC430F613x devices, comparator,
universal serial communication interfaces (USCI), 128-bit AES security accelerator, hardware multiplier, DMA,
real-time clock module with alarm capabilities, LCD driver, and up to 44 I/O pins.
The CC430F513x series are microcontroller system-on-chip configurations combining the excellent performance
of the state-of-the-art CC1101 sub-1-GHz RF transceiver with the MSP430 CPUXV2, up to 32 kB of in-system
programmable flash memory, up to 4 kB of RAM, two 16-bit timers, a high performance 12-bit A/D converter with
six external inputs plus internal temperature and battery sensors, comparator, universal serial communication
interfaces (USCI), 128-bit AES security accelerator, hardware multiplier, DMA, real-time clock module with alarm
capabilities, and up to 30 I/O pins.
Typical applications for these devices include wireless analog and digital sensor systems, heat cost allocators,
thermostats, metering (AMR/AMI), smart grid wireless networks etc.
Family members available are summarized in Table 1.
For complete module descriptions, see the CC430 Family User's Guide, literature number SLAU259.
Table 1. Family Members
USCI
Channel
Channel
Program
SRAM
Timer_A
ADC12_A
Package
Device
LCD_B (2)
Comp_B
I/O
A:
B:
(KB)
(KB)
(1)
(2)
Type
UART/LIN
SPI/ I2C
/IrDA/SPI
8 ext/
CC430F6137
32
4
5, 3
96 seg
1
1
8 ch.
44
64 RGC
4 int ch.
8 ext/
CC430F6135
16
2
5, 3
96 seg
1
1
8 ch.
44
64 RGC
4 int ch.
CC430F6127
32
4
5, 3
96 seg
1
1
n/a
8 ch.
44
64 RGC
CC430F6126
32
2
5, 3
96 seg
1
1
n/a
8 ch.
44
64 RGC
CC430F6125
16
2
5, 3
96 seg
1
1
n/a
8 ch.
44
64 RGC
6 ext/
CC430F5137
32
4
5, 3
n/a
1
1
6 ch.
30
48 RGZ
4 int ch.
6 ext/
CC430F5135
16
2
5, 3
n/a
1
1
6 ch.
30
48 RGZ
4 int ch.
6 ext/
CC430F5133
8
2
5, 3
n/a
1
1
6 ch.
30
48 RGZ
4 int ch.
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 5, 3 would represent two instantiations of Timer_A, the first
instantiation having 5 and the second instantiation having 3 capture compare registers and PWM output generators, respectively.
(2)
n/a: not available.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CC430F6137IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6137IRGCR TI1-CC430F6137IRGCR Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F6137IRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com