Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU10A Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GBU10A
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GBU10A Datasheet(HTML) 1 Page - Gulf Semiconductor

  GBU10A Datasheet HTML 1Page - Gulf Semiconductor GBU10A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
GBU10A
THRU
GBU10M
SINGLE
PHASE
GLASS
PASSIVATED
BRIDGE
RECTIFIER
Voltage: 50
to
1000V
Current: 10.0A
Features
GBU
Ideal for printed circuit board
Glass passivated chip junction
High case dielectric strength
High surge overload rating
This series is UL listed under Recognized Component Index,
file number E230084
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E, method
208C
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Dimensions in millimeters
MAXIMUM
RATINGS
AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
GBU
10A
GBU
10B
GBU
10D
GBU
10G
GBU
10J
GBU
10K
GBU
10M
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward rectified output current at Tc =
100℃
(Note 1)
If(av)
10.0
A
Peak forward surge current single sine-wave superimposed
on rated load (JEDEC Method)
Ifsm
220
A
Maximum instantaneous forward voltage drop per leg at 5A
Vf
1.0
V
Rating for fusing (t < 8.3ms)
I2t
200
A2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
5.0
500
µA
Typical junction capacitance per leg at 4V,1MHz
Cj
211
94
pF
Maximum thermal resistance per leg
(Note1)
(Note2)
Rth(ja)
Rth(jc)
21
2.0
℃/W
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
Note:
1. Unit mounted in free air no heat sink on P.C.B. 0.5 x 0.5” (12 x12 mm) copper pads, 0.375”(9.5mm) lead length
2. Device mounted on 4 x 6 x 0.25" Al-plate heatsink


Similar Part No. - GBU10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU10A PANJIT-GBU10A Datasheet
72Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
logo
GeneSiC Semiconductor, ...
GBU10A GENESIC-GBU10A Datasheet
344Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10A GENESIC-GBU10A Datasheet
973Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Pan Jit International I...
GBU10A PANJIT-GBU10A Datasheet
40Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Rugao Dachang Electroni...
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
More results

Similar Description - GBU10A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
KBPC10005 GULFSEMI-KBPC10005 Datasheet
3Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB805 GULFSEMI-GSIB805 Datasheet
148Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com