Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP08A Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GP08A
Description  SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 0.8A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GP08A Datasheet(HTML) 1 Page - Gulf Semiconductor

  GP08A Datasheet HTML 1Page - Gulf Semiconductor GP08A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
GP08A THRU GP08J
SINTERED GLASS JUNCTION
PLASTIC RECTIFIER
VOLTAGE:50 TO 600V
CURRENT: 0.8A
FEATURE
DO-41\DO-204AL
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C/10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
GP
08A
GP
08B
GP
08D
GP
08G
GP
08J
Units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =45
°C
If(av)
0.8
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
25.0
A
Maximum Instantaneous Forward Voltage at
1.0A
Vf
1.3
V
Maximum full load reverse current full cycle
Average at 55
°C
Ir(av)
30.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
5.0
50.0
µA
µA
Typical Reverse Recovery Time
(Note 1)
Trr
2.0
µS
Typical Junction Capacitance
(Note 2)
Cj
8.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
55.0
°C
/W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - GP08A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP08A GE-GP08A Datasheet
60Kb / 2P
   GP02
logo
First Components Intern...
GP08A FCI-GP08A Datasheet
161Kb / 2P
   0.8 Amp MEGARECTIFIERS
logo
Vishay Siliconix
GP08A VISHAY-GP08A Datasheet
76Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
GP08A TAYCHIPST-GP08A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP08A VISHAY-GP08A Datasheet
81Kb / 5P
   Glass Passivated Junction Rectifier
01-Jan-2022
More results

Similar Description - GP08A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
1N4933GP GULFSEMI-1N4933GP Datasheet
172Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
BY268GP GULFSEMI-BY268GP Datasheet
148Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1400 TO 1600V CURRENT: 0.8A
GP10A GULFSEMI-GP10A Datasheet
160Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP30A GULFSEMI-GP30A Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N4001GP GULFSEMI-1N4001GP Datasheet
147Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com