Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP6J Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # GPP6J
Description  GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 600V CURRENT: 6.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GPP6J Datasheet(HTML) 2 Page - Gulf Semiconductor

  GPP6J Datasheet HTML 1Page - Gulf Semiconductor GPP6J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GPP6J


Similar Part No. - GPP6J

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP60 CHENG-YI-GPP60 Datasheet
113Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
   Glass Passivated Junction Plastic Rectifiers
16-Mar-04
logo
CHENG-YI ELECTRONIC CO....
GPP60A CHENG-YI-GPP60A Datasheet
113Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
70Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 18-Aug-09
logo
Shenzhen Taychipst Elec...
GPP60A TAYCHIPST-GPP60A Datasheet
4Mb / 2P
   Glass Passivated Junction Plastic Rectifiers
More results

Similar Description - GPP6J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SSF6AG GULFSEMI-SSF6AG Datasheet
80Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 600V CURRENT: 6.0A
AU02JG GULFSEMI-AU02JG Datasheet
81Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 600V CURRENT: 0.8A
logo
Leshan Radio Company
SF601G LRC-SF601G Datasheet
179Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Gulf Semiconductor
BYV28-1GE GULFSEMI-BYV28-1GE Datasheet
95Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE:600V CURRENT:3.5A
logo
TAITRON Components Inco...
T6A05G TAITRON-T6A05G Datasheet
235Kb / 5P
   6.0A Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
P600AG ZSELEC-P600AG Datasheet
52Kb / 2P
   6.0A GLASS PASSIVATED RECTIFIER
PG600A ZSELEC-PG600A Datasheet
89Kb / 2P
   6.0A GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
10EDB60 GULFSEMI-10EDB60 Datasheet
167Kb / 2P
   GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
BY550G-400 GULFSEMI-BY550G-400 Datasheet
93Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com