Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R05N09 Datasheet(PDF) 1 Page - Recom International Power

Part # R05N09
Description  EUROLINE - DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05N09 Datasheet(HTML) 1 Page - Recom International Power

  R05N09 Datasheet HTML 1Page - Recom International Power R05N09 Datasheet HTML 2Page - Recom International Power R05N09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
EU 5
EUROLINE - DC/DC-Converter
RxxN and RxxO Series, 1 Watt, DIP8/SIP4, 1kVDC Isolation (Single Output)
Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
1kVDC Isolation
Industry Standard Pinout
Efficiency to 80%
UL 94V-O Package Material
Internal SMD Construction
Toroidal Magnetics
MTTF up to 2.9 Million Hours
Features
Selection Guide 5V and 12V input types
Part Number
Nom. Input
Rated Output
Rated Output
Input Current
Efficiency
Isolation
Package
Voltage
Voltage
Voltage
Current
at Rated Load
Capacitance
Style
(VDC)
(VDC)
(mA)
(mA)
(%)
(pF)
R05N05
5
5
200
289
69
30
R05N09
5
9
111
260
77
37
DIP8
R05N12
5
12
83
256
78
33
R05N15
5
15
66
250
80
40
R05O05
5
5
200
289
69
30
R05O09
5
9
111
260
77
37
SIP4
R05O12
5
12
83
256
78
33
R05O15
5
15
66
250
80
40
R12N05
12
5
200
120
69
33
R12N09
12
9
111
113
74
48
DIP8
R12N12
12
12
83
110
76
55
R12N15
12
15
66
111
75
52
R12O05
12
5
200
120
69
33
R12O09
12
9
111
113
74
48
SIP4
R12O12
12
12
83
110
76
55
R12O15
12
15
66
111
75
52
Absolute Maximum Ratings
Input Voltage V
IN 5V types
7V
Input Voltage V
IN 12V types
15V
Short Circuit Duration 1)
1s
Internal Power Dissipation
450mW
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C
1). Supply voltage must be discontinued at the end of the short circuit duration.


Similar Part No. - R05N09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R05 ETC2-R05 Datasheet
616Kb / 2P
   Miniature Circular Connectors
logo
Recom International Pow...
R05-100B RECOM-R05-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
logo
Ohmite Mfg. Co.
R05-1R OHMITE-R05-1R Datasheet
798Kb / 2P
   35 Watts TO-220 High Power Resistors
logo
Magnetrol International...
R05-510A-330 MAGNETROL-R05-510A-330 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
logo
List of Unclassifed Man...
R05-CR1 ETC-R05-CR1 Datasheet
1Mb / 8P
   Miniature Circular Connectors
More results

Similar Description - R05N09

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com