Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0405HE4H Datasheet(PDF) 9 Page - Knowles Electronics

Part # SPM0405HE4H
Description  Halogen Free Enhanced RF Protected Digital Mini SiSonic Microphone Specification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0405HE4H Datasheet(HTML) 9 Page - Knowles Electronics

Back Button SPM0405HE4H Datasheet HTML 3Page - Knowles Electronics SPM0405HE4H Datasheet HTML 4Page - Knowles Electronics SPM0405HE4H Datasheet HTML 5Page - Knowles Electronics SPM0405HE4H Datasheet HTML 6Page - Knowles Electronics SPM0405HE4H Datasheet HTML 7Page - Knowles Electronics SPM0405HE4H Datasheet HTML 8Page - Knowles Electronics SPM0405HE4H Datasheet HTML 9Page - Knowles Electronics SPM0405HE4H Datasheet HTML 10Page - Knowles Electronics SPM0405HE4H Datasheet HTML 11Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPM0405HE4H
CONFI DENTI AL – DO NOT DI STRI BUTE
Know les Acou st ics, a division of Kn ow les
Elect r onics, LLC.
Revision: D
9 of 11
Notes:
1.
Do not pull a vacuum over the port hole of the microphone. Pulling a
vacuum over the port hole can damage the device.
2.
Do not board wash after the reflow process. Board washing and
cleaning agents can damage the device. Do not expose to ultrasonic
processing or cleaning.
3.
Number of Reflow = recommend no more than 3 cycles.
(A)
Packaging (reference SiSonic_Packaging_Spec.pdf)
(B)
Shelf life: Twelve (12) months when devices are to be stored in factory supplied, unopened
ESD moisture sensitive bag under maximum environmental conditions of 30ºC, 70% R.H.
(C)
Exposure: Devices should not be exposed to high humidity, high temperature environment.
MSL (moisture sensitivity level) Class 2A.
(D)
Out of bag: Maximum of 90 days out of ESD moisture sensitive bag, assuming maximum
conditions of 30ºC/70% R.H.
11. MAXIMUM SOLDER REFLOW PROFILE
12. ADDITIONAL NOTES
Stage
Temperature Profile
Time (maximum)
Pre-heat
170 ~ 180 C
120 sec.
Solder Melt
Above 230 C
100 sec.
Peak
260 C maximum
30 sec.
170–180°C
Solder Melt
Pre-heat
260°C
230°C
100 sec.
120 sec.


Similar Part No. - SPM0405HE4H

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0404HD5-PB KNOWLES-SPM0404HD5-PB Datasheet
806Kb / 10P
   Mini Surface Mount Silicon Microphone
SPM0404HD5H-PB KNOWLES-SPM0404HD5H-PB Datasheet
839Kb / 10P
   Mini SiSonic Microphone Specification - Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
352Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
742Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB_13 Datasheet
742Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
More results

Similar Description - SPM0405HE4H

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0204LE5H-QB KNOWLES-SPM0204LE5H-QB Datasheet
185Kb / 10P
   Halogen Free Enhanced RF Protected Zero Height Mini??SiSonic??Microphone Specification
SPM0404HD5H-PB KNOWLES-SPM0404HD5H-PB Datasheet
839Kb / 10P
   Mini SiSonic Microphone Specification - Halogen Free
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
SP0208LE5 KNOWLES-SP0208LE5 Datasheet
1Mb / 11P
   Amplified ?쏾ero Height??SiSonic??Microphone with Enhanced RF Specification
logo
List of Unclassifed Man...
SPM0103ND3-2 ETC2-SPM0103ND3-2 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
logo
Knowles Electronics
SPQ0410HE5H-PB KNOWLES-SPQ0410HE5H-PB Datasheet
897Kb / 10P
   Slim UltraMini SiSonicTM Microphone Specification With Enhanced RF Protection-Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
352Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0404LE5H-QB KNOWLES-SPM0404LE5H-QB Datasheet
875Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0408HE5H-SB KNOWLES-SPM0408HE5H-SB Datasheet
381Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection ??Halogen Free
SPM0407HE3H-SB KNOWLES-SPM0407HE3H-SB Datasheet
911Kb / 10P
   Switchable Gain Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com