Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVP111 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111
Description  LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP111 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP111 Datasheet HTML 1Page - Texas Instruments CDCLVP111 Datasheet HTML 2Page - Texas Instruments CDCLVP111 Datasheet HTML 3Page - Texas Instruments CDCLVP111 Datasheet HTML 4Page - Texas Instruments CDCLVP111 Datasheet HTML 5Page - Texas Instruments CDCLVP111 Datasheet HTML 6Page - Texas Instruments CDCLVP111 Datasheet HTML 7Page - Texas Instruments CDCLVP111 Datasheet HTML 8Page - Texas Instruments CDCLVP111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IL
IH
V
V -
IL
IH
V
V -
CDCLVP111
SCAS859D – JANUARY 2009 – REVISED MARCH 2010
www.ti.com
LVECL DC ELECTRICAL CHARACTERISTICS (continued)
Vsupply: VCC = 0 V, VEE = -2.375 V to -3.8 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
For VEE = –3 to –3.8 V,
–40°C, 25°C, 85°C
–1.45
–1.3
–1.15
Internally
IBB = –0.2 mA
VBB
generated bias
V
VEE = –2.375 to –2.75 V,
voltage
-40°C, 25°C, 85°C
–1.4
–1.25
–1.1
IBB = –0.2 mA
High-level input
VIH
–40°C, 25°C, 85°C
–1.165
–0.88
V
voltage (CLK_SEL)
Low-level input
VIL
–40°C, 25°C, 85°C
–1.81
–1.475
V
voltage (CLK_SEL)
Input amplitude
VID
Difference of input
–40°C, 25°C, 85°C
0.5
1.3
V
(CLKn, CLKn)
, See (1)
Common-mode
VCM
voltage (CLKn,
DC offset relative to VEE
–40°C, 25°C, 85°C
VEE + 1
–0.3
V
CLKn)
–40°C
–1.26
–0.85
High-level output
VOH
IOH = –21 mA
25°C
–1.2
–0.85
V
voltage
85°C
–1.15
–0.85
–40°C
–1.85
–1.5
Low-level output
VOL
IOL = –5 mA
25°C
–1.85
–1.45
V
voltage
85°C
–1.85
–1.4
Differential output
Terminated with 50
Ω to
VOD
–40°C, 25°C, 85°C
600
mV
voltage swing
VCC –2 V, See Figure 3
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
LVPECL DC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE= 0 V over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply internal
IEE
Absolute value of current
-40°C, 25°C, 85°C
40
85
mA
current
-40°C
354
Output and internal All outputs terminated 50
Ω to
ICC
25°C
380
mA
supply current
VCC - 2 V
85°C
405
Includes pullup/pulldown
IIN
Input current
resistors
-40°C, 25°C, 85°C
–150
150
mA
VIH=VCC, VIL= VCC–2V
VCC = 3 to 3.8 V, IBB= –0.2 mA
-40°C, 25°C, 85°C
VCC – 1.45
VCC – 1.3
VCC – 1.15
Internally
VBB
generated bias
V
VCC = 2.375 to 2.75 V, IBB =
-40°C, 25°C, 85°C
VCC – 1.4
VCC – 1.25
VCC – 1.1
voltage
–0.2 mA
High-level input
VIH
-40°C, 25°C, 85°C
VCC – 1.165
VCC – 0.88
V
voltage (CLK_SEL)
Low-level input
VIL
-40°C, 25°C, 85°C
VCC – 1.81
VCC – 1.475
V
voltage (CLK_SEL)
Input amplitude
VID
Difference of input
-40°C, 25°C, 85°C
0.5
1.3
V
(CLKn, CLKn)
, see (1)
Common-mode
VCM
voltage (CLKn,
DC offset relative to VEE
-40°C, 25°C, 85°C
1
VCC – 0.3
V
CLKn)
-40°C
VCC – 1.26
VCC – 0.85
High-level output
VOH
IOH = -21 mA
25°C
VCC – 1.2
VCC – 0.85
V
voltage
85°C
VCC – 1.15
VCC – 0.85
(1)
VID minimum and maximum is required to maintain ac specifications, actual device function tolerates a minimum VID of 100 mV.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCLVP111


Similar Part No. - CDCLVP111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI1-CDCLVP111 Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results

Similar Description - CDCLVP111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com