Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BMT
Description  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BMT Datasheet(HTML) 1 Page - Texas Instruments

  CD4052BMT Datasheet HTML 1Page - Texas Instruments CD4052BMT Datasheet HTML 2Page - Texas Instruments CD4052BMT Datasheet HTML 3Page - Texas Instruments CD4052BMT Datasheet HTML 4Page - Texas Instruments CD4052BMT Datasheet HTML 5Page - Texas Instruments CD4052BMT Datasheet HTML 6Page - Texas Instruments CD4052BMT Datasheet HTML 7Page - Texas Instruments CD4052BMT Datasheet HTML 8Page - Texas Instruments CD4052BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS047G
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD4051B, CD4052B, CD4053B
Features
• Wide Range of Digital and Analog Signal Levels
- Digital . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 20V
- Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤20VP-P
• Low ON Resistance, 125
Ω (Typ) Over 15VP-P Signal Input
Range for VDD-VEE = 18V
• High OFF Resistance, Channel Leakage of
±100pA (Typ)
at VDD-VEE = 18V
• Logic-Level Conversion for Digital Addressing Signals of
3V to 20V (VDD-VSS = 3V to 20V) to Switch Analog
Signals to 20VP-P (VDD-VEE = 20V)
• Matched Switch Characteristics, rON = 5Ω (Typ) for
VDD-VEE = 15V
• Very Low Quiescent Power Dissipation Under All Digital-
Control Input and Supply Conditions, 0.2
µW (Typ) at
VDD-VSS = VDD-VEE = 10V
• Binary Address Decoding on Chip
• 5V, 10V, and 15V Parametric Ratings
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Package
Temperature Range, 100nA at 18V and 25oC
• Break-Before-Make Switching Eliminates Channel
Overlap
Applications
• Analog and Digital Multiplexing and Demultiplexing
• A/D and D/A Conversion
• Signal Gating
CMOS Analog Multiplexers/Demultiplexers
with Logic Level Conversion
The CD4051B, CD4052B, and CD4053B analog multiplexers
are digitally-controlled analog switches having low ON
impedance and very low OFF leakage current. Control of
analog signals up to 20VP-P can be achieved by digital
signal amplitudes of 4.5V to 20V (if VDD-VSS = 3V, a
VDD-VEE of up to 13V can be controlled; for VDD-VEE level
differences above 13V, a VDD-VSS of at least 4.5V is
required). For example, if VDD = +4.5V, VSS = 0V, and
VEE = -13.5V, analog signals from -13.5V to +4.5V can be
controlled by digital inputs of 0V to 5V. These multiplexer
circuits dissipate extremely low quiescent power over the
full VDD-VSS and VDD-VEE supply-voltage ranges,
independent of the logic state of the control signals. When
a logic “1” is present at the inhibit input terminal, all
channels are off.
The CD4051B is a single 8-Channel multiplexer having three
binary control inputs, A, B, and C, and an inhibit input. The
three binary signals select 1 of 8 channels to be turned on,
and connect one of the 8 inputs to the output.
The CD4052B is a differential 4-Channel multiplexer having
two binary control inputs, A and B, and an inhibit input. The
two binary input signals select 1 of 4 pairs of channels to be
turned on and connect the analog inputs to the outputs.
The CD4053B is a triple 2-Channel multiplexer having three
separate digital control inputs, A, B, and C, and an inhibit
input. Each control input selects one of a pair of channels
which are connected in a single-pole, double-throw
configuration.
When these devices are used as demultiplexers, the
“CHANNEL IN/OUT” terminals are the outputs and the
“COMMON OUT/IN” terminals are the inputs.
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD4051BF3A, CD4052BF3A,
CD4053BF3A
-55 to 125
16 Ld CERAMIC
DIP
CD4051BE, CD4052BE,
CD4053BE
-55 to 125
16 Ld PDIP
CD4051BM, CD4051BMT,
CD4051BM96
CD4052BM, CD4052BMT,
CD4052BM96
CD4053BM, CD4053BMT,
CD4053BM96
-55 to 125
16 Ld SOIC
CD4051BNSR, CD4052BNSR,
CD4053BNSR
-55 to 125
16 Ld SOP
CD4051BPW, CD4051BPWR,
CD4052BPW, CD4052BPWR
CD4053BPW, CD4053BPWR
-55 to 125
16 Ld TSSOP
August 1998 - Revised October 2003
[ /Title
(CD405
1B,
CD4052
B,
CD4053
B)
/Sub-
ject
(CMOS
Analog
Multi-
plex-
ers/Dem
ultiplex-
ers with
Logic
Level
Conver-
sion)
/Author
()
/Key-
words
(Harris
Semi-
conduc-
tor,
CD4000


Similar Part No. - CD4052BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4052BMT TI-CD4052BMT Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052BMT TI1-CD4052BMT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052BMT TI-CD4052BMT Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4052BMT TI1-CD4052BMT Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results

Similar Description - CD4052BMT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com