Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GS2J
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GS2J Datasheet(HTML) 1 Page - Gulf Semiconductor

  GS2J Datasheet HTML 1Page - Gulf Semiconductor GS2J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A6
www.gulfsemi.com
GS2A THRU GS2M
SURFACE MOUNT GLASS
PASSIVATED RECTIFIER
VOLTAGE:
:50 TO 1000V
CURRENT:
: 2.0A
FEATURE
SMB/
/DO-214AA
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
GS
2A
GS
2B
GS
2D
GS
2G
GS
2J
GS
2K
GS
2M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
50.0
A
Maximum Forward Voltage atrated Forward
current
Vf
1.1
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
150.0
μ A
μA
Typical Junction Capacitance
(Note 1)
Cj
30.0
pF
Typical Thermal Resistance
(Note 2)
R(jl)
16.0
℃/W
Storage and Operating Temperature
Tstg
-50 to +150
Note:
1. Measured at 1.0 MHZ and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to terminal mounted on 5×5mm copper pad area


Similar Part No. - GS2J

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2J MCC-GS2J Datasheet
838Kb / 3P
   2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
RFE international
GS2J RFE-GS2J Datasheet
1Mb / 3P
   Surface Mount General Purpose Rectifier GS2A Through GS2M
07-15-2020
logo
Shanghai Shunye Electro...
GS2J SY-GS2J Datasheet
1,009Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Micro Commercial Compon...
GS2J MCC-GS2J Datasheet
255Kb / 4P
   2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
GS2J CTC-GS2J Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
More results

Similar Description - GS2J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
HER201G GULFSEMI-HER201G Datasheet
146Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
GS3A GULFSEMI-GS3A Datasheet
182Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
GS1A GULFSEMI-GS1A Datasheet
278Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
GS3A-B GULFSEMI-GS3A-B Datasheet
119Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
GR2A GULFSEMI-GR2A Datasheet
203Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
EG1AE GULFSEMI-EG1AE Datasheet
86Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?0.7A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
HER151G GULFSEMI-HER151G Datasheet
86Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.5A
MURS260-A GULFSEMI-MURS260-A Datasheet
99Kb / 2P
   SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
UF5400 GULFSEMI-UF5400 Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com