Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P82B96 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # P82B96
Description  DUAL BIDIRECTIONAL BUS BUFFER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

P82B96 Datasheet(HTML) 6 Page - Texas Instruments

Back Button P82B96 Datasheet HTML 2Page - Texas Instruments P82B96 Datasheet HTML 3Page - Texas Instruments P82B96 Datasheet HTML 4Page - Texas Instruments P82B96 Datasheet HTML 5Page - Texas Instruments P82B96 Datasheet HTML 6Page - Texas Instruments P82B96 Datasheet HTML 7Page - Texas Instruments P82B96 Datasheet HTML 8Page - Texas Instruments P82B96 Datasheet HTML 9Page - Texas Instruments P82B96 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
Electrical Characteristics
P82B96
DUAL BIDIRECTIONAL BUS BUFFER
SCPS144B – MAY 2006 – REVISED JULY 2007
VCC = 3 V to 3.6 V, voltages are specified with respect to GND (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
MAX
Temperature
ΔV/ΔTIN
coefficient of
Sx, Sy
–2
mV/
°C
input thresholds
ISx, ISy = 3 mA
0.8
0.88
1
Low-level output
VOL
Sx, Sy
(2)V
voltage
ISx, ISy = 0.2 mA
0.67
0.73
0.79
(2)
Temperature
coefficient of
ΔV/ΔTOUT
Sx, Sy
ISx, ISy = 0.2 mA
–1.8
mV/
°C
output low
levels(3)
ICC
Quiescent supply current
Sx = Sy = VCC
0.9
1.8
2
mA
Additional supply
ΔICC
current per pin
Tx, Ty
1.7
2.75
3
mA
low
Dynamic output
VSx, VSy > 2 V,
sink capability
7
18
5.7
mA
VRx, VRy = low
on I2C bus
IIOS
Sx, Sy
Leakage current
VSx, VSy = 5 V,
0.1
1
1
μA
on I2C bus
VRx, VRy = high
Dynamic output
VTx, VTy > 1 V,
sink capability
VSx, VSy = low on I
2C
60
100
60
mA
on buffered bus
bus = 0.4 V
IIOT
Tx, Ty
Leakage current
VTx, VTy = VCC =
0.1
1
1
μA
on buffered bus
3.3 V, VSx, VSy = high
Input current
Bus low, VRx,
Sx, Sy
–1
1
from I2C bus
VRy = high
Input current
Bus low, VRx,
–1
1
II
from buffered bus
VRy = 0.4 V
μA
Rx, Ry
Leakage current
on buffered bus
VRx, VRy = VCC
1
1.5
input
Input logic-level high
threshold(4)
0.65
0.7
(2)
on normal I2C bus
Sx, Sy
Input logic-level low
threshold(4)
0.6
0.65
(2)
VIT
Input threshold
V
on normal I2C bus
Input logic level high
0.58 VCC
0.58 VCC
Rx, Ry
Input threshold
0.5 VCC
Input logic level low
0.42 VCC
0.42 VCC
(VSx output low
Input/output logic
at 3 mA) –
VIOdiff
Sx, Sy
100
150
100
mV
level difference(5)
(VSx input high max)
for I2C applications
Sx, Sy are low, VCC
VCC voltage at
Sx, Sy
ramping, voltage on
VIOrel
which all buses
1
1
V
Tx, Ty
Tx, Ty lowered until
are released
released
(1)
Typical value is at VCC = 3.3 V, TA = 25°C
(2)
See the Typical Characteristics section of this data sheet.
(3)
The output logic low depends on the sink current.
(4)
The input logic threshold is independent of the supply voltage.
(5)
The minimum value requirement for pullup current, 200
μA, ensures that the minimum value for VSX output low always exceeds the
minimum VSx input high level to eliminate any possibility of latching. The specified difference is specified by design within any device.
While the tolerances on absolute levels allow a small probability that the low from one Sx output is recognized by an Sx input of another
P82B96, this has no consequences for normal applications. In any design, the Sx pins of different devices never should be linked,
because the resulting system would be very susceptible to induced noise and would not support all I2C operating modes.
6
Submit Documentation Feedback


Similar Part No. - P82B96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96 Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96 NXP-P82B96 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - P82B96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96 PHILIPS-P82B96_08 Datasheet
165Kb / 26P
   Dual bidirectional bus buffer
Rev. 06-31 January 2008
logo
Texas Instruments
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com