Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV824IPWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV824IPWG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV824IPWG4 Datasheet(HTML) 5 Page - Texas Instruments

  LMV824IPWG4 Datasheet HTML 1Page - Texas Instruments LMV824IPWG4 Datasheet HTML 2Page - Texas Instruments LMV824IPWG4 Datasheet HTML 3Page - Texas Instruments LMV824IPWG4 Datasheet HTML 4Page - Texas Instruments LMV824IPWG4 Datasheet HTML 5Page - Texas Instruments LMV824IPWG4 Datasheet HTML 6Page - Texas Instruments LMV824IPWG4 Datasheet HTML 7Page - Texas Instruments LMV824IPWG4 Datasheet HTML 8Page - Texas Instruments LMV824IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
LMV8xx 2.5-V Electrical Characteristics
LMV8xxI 2.5-V Electrical Characteristics
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
V
CC+ = 2.5 V, VCC– = 0 V, VIC = 1 V, VO = 1.25 V, and RL > 1 MΩ (unless otherwise noted)
LMV8xx
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
25
°C
1
3.5
VIO
Input offset voltage
mV
–40
°C to 85°C
4
25
°C
2.3
2.37
High level
–40
°C to 85°C
2.2
VCC+ = 2.5 V, RL = 600 Ω to 1.25 V
25
°C
0.13
0.2
Low level
–40
°C to 85°C
0.3
VO
Output swing
V
25
°C
2.4
2.46
High level
–40
°C to 85°C
2.3
VCC+ = 2.5 V, RL = 2 kΩ to 1.25 V
25
°C
0.08
0.12
Low level
–40
°C to 85°C
0.2
V
CC+ = 2.5 V, VCC– = 0 V, VIC = 1 V, VO = 1.25 V, and RL > 1 MΩ (unless otherwise noted)
LMV8xxI
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
25
°C
1
3.5
VIO
Input offset voltage
mV
–40
°C to 125°C
5.5
25
°C
2.28
2.37
High level
–40
°C to 125°C
2.18
VCC+ = 2.5 V, RL = 600 Ω to 1.25 V
25
°C
0.13
0.22
Low level
–40
°C to 125°C
0.32
VO
Output swing
V
25
°C
2.38
2.46
High level
–40
°C to 125°C
2.28
VCC+ = 2.5 V, RL = 2 kΩ to 1.25 V
25
°C
0.08
0.14
Low level
–40
°C to 125°C
0.22
5
Submit Documentation Feedback


Similar Part No. - LMV824IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV824IPW TI-LMV824IPW Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWE4 TI-LMV824IPWE4 Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWR TI-LMV824IPWR Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IPWRE4 TI-LMV824IPWRE4 Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV824IPWG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com