Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040AQDRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040AQDRQ1
Description  EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040AQDRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1040AQDRQ1 Datasheet HTML 1Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 2Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 3Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 4Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD1040AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ELECTROSTATIC DISCHARGE PROTECTION
RECOMMENDED OPERATING CONDITIONS
SN65HVD1040A-Q1
www.ti.com....................................................................................................................................................................................................... SLLS889 – JUNE 2008
VALUE
VCC
Supply voltage range
–0.3 V to 7 V
Voltage range at bus terminals (CANH, CANL, SPLIT)
–27 V to 40 V
IO
Receiver output current
20 mA
VI
Voltage input range, ISO 7637 transient pulse(3) (CANH, CANL)
–150 V to 100 V
VI
Voltage input range (TXD, STB)
–0.5 V to 6 V
TJ
Junction temperature range
–40°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with ISO 7637 test pulses 1, 2, 3a, 3b per IBEE system level test (Pulse 1 = –100 V, Pulse 2 = 100 V,
Pulse 3a = –150 V, Pulse 3b = 100 V). If dc may be coupled with ac transients, externally protect the bus pins within the absolute
maximum voltage range at any bus terminal. This device has been tested with dc bus shorts to +40 V with leading common-mode
chokes. If common-mode chokes are used in the system and the bus lines may be shorted to dc, ensure that the choke type and value
in combination with the node termination and shorting voltage either will not create inductive flyback outside of voltage maximum
specification or use an external transient-suppression circuit to protect the transceiver from the inductive transients.
PARAMETER
TEST CONDITIONS
VALUE
CANH and CANL(3)
±12 kV
Human-Body Model(2)
SPLIT(4)
±10 kV
Electrostatic discharge(1)
All pins
±4 kV
Charged-Device Model(5)
All pins
±1.5 kV
Machine Model(6)
±200 V
(1)
All typical values at 25°C.
(2)
Tested in accordance JEDEC Standard 22, Test Method A114E.
(3)
Test method based upon JEDEC Standard 22 Test Method A114E, CANH and CANL bus pins stressed with respect to each other and
GND.
(4)
Test method based upon JEDEC Standard 22 Test Method A114E, SPLIT pin stressed with respect to GND.
(5)
Tested in accordance JEDEC Standard 22, Test Method C101C.
(6)
Tested in accordance JEDEC Standard 22, Test Method A115A.
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VI or VIC
Voltage at any bus terminal (separately or common mode)
–12
12
V
VIH
High-level input voltage
TXD, STB
2
5.25
V
VIL
Low-level input voltage
TXD, STB
0
0.8
V
VID
Differential input voltage
–6
6
V
Driver
–70
IOH
High-level output current
mA
Receiver
–2
Driver
70
IOL
Low-level output current
mA
Receiver
2
TA
Operating free-air temperature range
See Thermal Characteristics table
–40
125
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - SN65HVD1040AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040AQDRQ1 TI-SN65HVD1040AQDRQ1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040AQDRQ1 TI-SN65HVD1040AQDRQ1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com