Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1785DG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1785DG4
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1785DG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD1785DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
R
RE
DE
D
V
CC
B
A
GND
SN65HVD1785,1786,1787
DorP Package
(TopView)
1
2
3
4
8
7
6
5
P0066-02
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
GND
GND
Z
Y
NC
R
RE
DE
D
V
CC
V
CC
A
B
SN65HVD1791,1792,1793
DPackage
(TopView)
LogicDiagram(PositiveLogic)
S0299-01
1
2
3
4
6
7
A
B
R
RE
DE
D
Bus
LogicDiagram(PositiveLogic)
2
3
4
5
12
10
9
11
A
Z
Y
B
R
RE
DE
D
S0300-01
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
DRIVER FUNCTION TABLE
Input
Enable
Outputs
D
DE
A
B
H
H
H
L
Actively drive bus high
L
H
L
H
Actively drive bus low
X
L
Z
Z
Driver disabled
X
OPEN
Z
Z
Driver disabled by default
OPEN
H
H
L
Actively drive bus high by default
RECEIVER FUNCTION TABLE
Differential Input
Enable
Output
VID = VA – VB
RE
R
VIT+ < VID
L
H
Receive valid bus high
VIT– < VID < VIT+
L
?
Indeterminate bus state
VID < VIT–
L
L
Receive valid bus low
X
H
Z
Receiver disabled
X
OPEN
Z
Receiver disabled by default
Open-circuit bus
L
H
Fail-safe high output
Short-circuit bus
L
H
Fail-safe high output
Idle (terminated) bus
L
H
Fail-safe high output
NC - No internal connection
Pins 6 and 7 are connected together
internally.
Pins 13 and 14 are connected together
internally.
2
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1785DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1785DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com