Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC132PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC132PWRG4
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC132PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC132PWRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC132PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54AHC132, SN74AHC132
QUADRUPLE POSITIVE-NAND GATES
WITH SCHMITT-TRIGGER INPUTS
SCLS365G – MAY 1997 – REVISED SEPTEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC132
SN74AHC132
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
5.6*
11.9*
1*
14*
1
14
ns
tPHL
A or B
Y
CL = 15 pF
5.6*
11.9*
1*
14*
1
14
ns
tPLH
AorB
Y
CL =50 pF
7.6
15.4
1
17.5
1
17.5
ns
tPHL
A or B
Y
CL = 50 pF
7.6
15.4
1
17.5
1
17.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC132
SN74AHC132
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
CL =15 pF
3.9*
7.7*
1*
9*
1
9
ns
tPHL
A or B
Y
CL = 15 pF
3.9*
7.7*
1*
9*
1
9
ns
tPLH
AorB
Y
CL =50 pF
5.3
9.7
1
11
1
11
ns
tPHL
A or B
Y
CL = 50 pF
5.3
9.7
1
11
1
11
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74AHC132
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.45
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.35
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.8
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
11
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74AHC132PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC132PWRG4 TI-SN74AHC132PWRG4 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74AHC132PWRG4 TI-SN74AHC132PWRG4 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74AHC132PWRG4 TI1-SN74AHC132PWRG4 Datasheet
1Mb / 17P
[Old version datasheet]   SN74AHC132 Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
REVISED AUGUST 2023
More results

Similar Description - SN74AHC132PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com