Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGM-33 Datasheet(PDF) 1 Page - Richco, Inc.

Part # PGM-33
Description  PUSH GROMMET HOLE PLUG [M SERIES]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

PGM-33 Datasheet(HTML) 1 Page - Richco, Inc.

  PGM-33 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
A
C
PRINT
TYPE
-
----
-
SEE ENGINEERING FOR REV A-E
F
02/09/09
SK
SEE CO 200321 FOR CHANGES
G
09/21/09
SK
SEE CO 200442 FOR CHANGES
NOTES:
1. MATERIAL: NYLON 6/6 UL 94 V-2 (RMS-01).
-NYLON 6/6 UL 94 V-0 (RMS-19),
AVAILABLE BY SPECIAL ORDER ONLY. TO ORDER, ADD SUFFIX "-V0"
2. COLOR: BLACK.
COLOR WHITE AVAILABLE BY SPECIAL ORDER ONLY.
"B"
DATE
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
A
RICHCO, INC.
1 OF 1
FILE #:
02/14/08
D.Z
PGM
SK
FINAL
SK
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
DWG IN
TITLE:
ENGR.
SOLIDWORKS
RE:
PUSH GROMMET HOLE PLUG [M SERIES]
DESCRIPTION
CREATED USING
REV.
"A"
PART NO.
MAXIMUM PANEL
THICKNESS
HOLE DIAMETER
"A"±.020
"B" REF
PGM-1
.250±.003 [6.35±0.08]
.312 [7.9]
PGM-2
.312±.003 [7.9±0.08]
.375 [9.5]
PGM-3
.468±.002 [11.9±0.05]
.531 [13.5] .250 [6.35]
PGM-4
.067 [1.7]
.189±.004 [4.8±0.1]
.236 [6]
.205 [5.2]
PGM-5
.062 [1.57]
.500±.002 [12.7±0.05]
.562 [14.3] .250 [6.35]
PGM-6
.067 [1.7]
.252 [6.4±0.1]
.299 [7.6]
.221 [5.6]
PGM-7
.278±.002 [7.05±0.05]
.433 [11]
.276 [7]
PGM-8
.307±.008 [7.8±0.2]
.375 [9.5]
.236 [6]
PGM-9
.047 [1.2]
.376±.002[9.55±0.05]
.256 [6.5]
PGM-10
.055 [1.4]
.386±.008 [9.8±0.2]
.236 [6]
PGM-11
.531±.002 [13.48±0.05]
.593 [15.1]
PGM-12
.625±.002 [15.9±0.05]
.718 [18.2]
PGM-13
.083 [2.1]
.506±.006 [12.85±0.15]
.669 [17]
.315 [8]
PGM-14
.750±.002 [19.05±0.05]
.843 [21.4]
PGM-15
.781±.002 [19.84±0.05
.890 [22.6]
PGM-16
.079 [2]
.628±.002[15.95±0.05]
.787 [20]
.315 [8]
PGM-17
.062 [1.57]
.875±.002 [22.22±0.05]
.968 [24.6] .250 [6.35]
PGM-18
1.250±.002 [31.75±0.05] 1.375 [34.9] .465 [11.8]
PGM-19
.746±.002 [18.95±0.05]
.925 [23.5] .413 [10.5]
PGM-20
1.375±.002 [34.93±0.05] 1.500 [38.1]
PGM-21
1.750±.002 [44.45±0.05] 1.906 [48.4]
PGM-22
.118 [3]
.864±.002 [21.95±0.05]
1.024 [26]
.378 [9.6]
PGM-23
2.000±.002 [50.8±0.05]
2.170 [55.1] .470 [11.9]
PGM-24
.500±.002 [12.7±0.05]
.578 [14.7] .406 [10.3]
PGM-25
1.004±.004 [25.5±0.1]
1.102 [28]
.500 [12.7]
PGM-26
.562±.002 [14.27±0.05]
.656 [16.7]
PGM-27
.625±.002 [15.88±.0.05]
.718 [18.2]
PGM-28
.687±.002 [17.45±0.05]
.781 [19.8]
PGM-29
.875±.002 [22.22±0.05]
1.125 [28.6] .453 [11.5]
PGM-30
1.203±.002 [30.55±0.05]
1.339 [34]
.512 [13]
PGM-31
1.500±.002 [38.1±0.05]
1.671 [42.4]
PGM-32
1.097±.004 [27.86±0.1]
1.218 [30.9]
PGM-33
.375±.002 [9.5±0.05]
.468 [11.9]
PGM-34
.437±.002 [11.1±0.05]
.531 [13.5]
.406 [10.3]
.465 [11.8]
.125 [3.2]
.406 [10.3]
.062 [1.57]
.250 [6.35]
.465 [11.8]
.125 [3.2]
.062 [1.57]
.250 [6.35]
.312 [7.9]
.062 [1.57]
.063 [1.6]
.511 [13]


Similar Part No. - PGM-33

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGM-8600 LITTELFUSE-PGM-8600 Datasheet
1Mb / 1P
   The PGM-8600 relay monitors the insulation resistance
More results

Similar Description - PGM-33

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0345860001 MOLEX4-0345860001 Datasheet
105Kb / 2P
   MX123??0.64mm (.025") Grommet Seal Plug
logo
Amphenol Corporation
10-405996 AMPHENOL-10-405996 Datasheet
144Kb / 2P
   PLUG, SEALING, GROMMET, ELECTRICAL CONNECTOR, TYPE JT-RE
Jan . 30 2009, 12:42
logo
Richco, Inc.
SG8-250-81 RICHCO-SG8-250-81 Datasheet
37Kb / 1P
   SCREW GROMMET
logo
Glenair, Inc.
844-001 GLENAIR-844-001 Datasheet
257Kb / 2P
   Push-Pull Plug
logo
Richco, Inc.
EG-0-01 RICHCO-EG-0-01 Datasheet
49Kb / 1P
   EXPANSION GROMMET
logo
PANDUIT CORP.
GEE36F-A-C0 PANDUIT-GEE36F-A-C0 Datasheet
104Kb / 3P
   Grommet Edging
logo
Rosenberger Hochfrequen...
64S161-273N1 ROSENBERGER-64S161-273N1 Datasheet
551Kb / 2P
   Straight plug push-pull
logo
CamdenBoss Ltd.
CCA1P1 CAMDENBOSS-CCA1P1 Datasheet
302Kb / 1P
   Push pull connectors cable mounted plug CCA1 series
CCA2P1 CAMDENBOSS-CCA2P1 Datasheet
281Kb / 1P
   Push-pull connectors cable mounted plug CCA2 series
CCA3P1 CAMDENBOSS-CCA3P1 Datasheet
276Kb / 1P
   Push-pull connectors cable mounted plug CCA3 series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com