Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS360-B Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # MURS360-B
Description  SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V TO 600V CURRENT竊?3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

MURS360-B Datasheet(HTML) 1 Page - Gulf Semiconductor

  MURS360-B Datasheet HTML 1Page - Gulf Semiconductor MURS360-B Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
MURS340-B THRU MURS360-B
SURFACE MOUNT
ULTRAFAST RECTIFIER
VOLTAGE:
:400V TO 600V
CURRENT:
: 3.0A
FEATURE
SMB/
/DO—
—214AA
Ideally suited for use in very high frequency switching power
supplies, inverters and as free wheeling diodes
Ultrafast recovery time for high efficiency
High surge capability
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
MECHANICAL DATA
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Case: Molded with UL-94 class V-0 recognized Flame
Retardant Epoxy
Polarity: Color band denotes cathode end
Mark: M340B M360B
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
MURS340-B
MURS360-B
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
400
600
V
Maximum RMS Voltage
Vrms
280
420
V
Maximum DC blocking Voltage
Vdc
400
600
V
Maximum
Average Forward Rectified Current
3/8″lead length at TL =90℃
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine- wave superimposed on rated load
Ifsm
125.0
A
Maximum Instantaneous Forward Voltage at rated
forward current TJ =25℃
Vf
1.25
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
10.0
50.0
µ
A
Maximum Reverse Recovery Time
(Note1 )
Trr
50
nS
Typical Junction Capacitance
(Note 2)
Cj
50
pF
Typical Thermal Resistance, junction to lead
Rth(jl)
11
℃/W
Storage and Operating Junction Temperature
Tstg, Tj
-55 to +175
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc


Similar Part No. - MURS360-B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MURS360-LFR FRONTIER-MURS360-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
MURS360-M3 VISHAY-MURS360-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
More results

Similar Description - MURS360-B

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MU3D GULFSEMI-MU3D Datasheet
91Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
ES1D-E GULFSEMI-ES1D-E Datasheet
109Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
US1J GULFSEMI-US1J Datasheet
246Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?600V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com