Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24600RVAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24600RVAR
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24600RVAR Datasheet(HTML) 4 Page - Texas Instruments

  BQ24600RVAR Datasheet HTML 1Page - Texas Instruments BQ24600RVAR Datasheet HTML 2Page - Texas Instruments BQ24600RVAR Datasheet HTML 3Page - Texas Instruments BQ24600RVAR Datasheet HTML 4Page - Texas Instruments BQ24600RVAR Datasheet HTML 5Page - Texas Instruments BQ24600RVAR Datasheet HTML 6Page - Texas Instruments BQ24600RVAR Datasheet HTML 7Page - Texas Instruments BQ24600RVAR Datasheet HTML 8Page - Texas Instruments BQ24600RVAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
bq24600
SLUS891 – FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT REGULATION – FAST CHARGE
VISET
ISET voltage range
2
V
VIREG_CHG
SRP-SRN current sense voltage range
VIREG_CHG = VSRP – VSRN
100
mV
Charge current set factor (Amps of
KISET
RSENSE = 10 mΩ
5
A/V
charge current per volt on ISET pin)
VIREG_CHG = 40 mV
–3%
3%
VIREG_CHG = 20 mV
–4%
4%
Charge current regulation accuracy
VIREG_CHG = 5 mV
–25%
25%
VIREG_CHG = 1.5 mV (VSRN > 3.1V)
–40%
40%
IISET
Leakage current into ISET pin
VISET = 2 V
100
nA
CURRENT REGULATION – PRECHARGE
ICHARGE
Precharge current range
RSENSE = 10 mΩ
A
/10
Precharge current set factor (Amps of
KPRECH
RSENSE = 10 mΩ
0.5
A/V
precharge current per volt on ISET pin)
VIREG_PRECH = 10 mV
–10%
10%
Precharge current regulation accuracy
VIREG_PRECH = 5 mV
–25%
25%
VIREG_PRECH = 1.5 mV (VSRN < 3.1V)
–55%
55%
CHARGE TERMINATION
ICHARGE
Termination current range
RSENSE = 10 mΩ
A
/10
Termination current set factor (Amps of
KTERM
Termination current per volt on ISET
RSENSE = 10 mΩ
0.5
A/V
pin)
VITERM = 10 mV
–10%
10%
Termination current accuracy
VITERM = 5 mV
–25%
25%
VITERM = 1.5 mV
–45%
45%
Deglitch time for termination (both edge)
100
ms
tQUAL
Termination qualification time
VBAT > VRECH and ICHARGE < ITERM
250
ms
IQUAL
Termination qualification current
Discharge current once termination is detected
2
mA
INPUT UNDER-VOLTAGE LOCK-OUT COMPARATOR (UVLO)
VUVLO
AC under-voltage rising threshold
Measure on VCC
3.65
3.85
4
V
VUVLO_HYS
AC under-voltage hysteresis, falling
350
mV
VCC LOWV COMPARATOR
Falling threshold, disable charge
Measure on VCC
4.1
V
Rising threshold, resume charge
4.35
4.5
V
SLEEP COMPARATOR (REVERSE DISCHARGING PROTECTION)
VSLEEP _FALL
SLEEP falling threshold
VVCC – VSRN to enter SLEEP
40
100
150
mV
VSLEEP_HYS
SLEEP hysteresis
500
mV
SLEEP rising delay
VCC falling below SRN, delay to pull up PG
1
µs
SLEEP falling delay
VCC rising above SRN, delay to pull down PG
30
ms
SLEEP rising shutdown deglitch
VCC falling below SRN, Delay to enter SLEEP mode
100
ms
VCC rising above SRN, Delay to come out of SLEEP
SLEEP falling powerup deglitch
30
ms
mode
BAT LOWV COMPARATOR
Precharge to fastcharge transition
VLOWV
Measured on VFB pin
1.534
1.55
1.566
V
(LOWV Threshold)
VLOWV_HYS
LOWV hysteresis
100
mV
LOWV rising deglitch
VFB falling below Vlowv
25
ms
LOWV falling deglitch
VFB rising above Vlowv + VLOWV_HYS
25
ms
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq24600


Similar Part No. - BQ24600RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results

Similar Description - BQ24600RVAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
logo
Eutech Microelectronics...
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
   Switch Mode Li-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com