Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC4558IDRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # RC4558IDRE4
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558IDRE4 Datasheet(HTML) 4 Page - Texas Instruments

  RC4558IDRE4 Datasheet HTML 1Page - Texas Instruments RC4558IDRE4 Datasheet HTML 2Page - Texas Instruments RC4558IDRE4 Datasheet HTML 3Page - Texas Instruments RC4558IDRE4 Datasheet HTML 4Page - Texas Instruments RC4558IDRE4 Datasheet HTML 5Page - Texas Instruments RC4558IDRE4 Datasheet HTML 6Page - Texas Instruments RC4558IDRE4 Datasheet HTML 7Page - Texas Instruments RC4558IDRE4 Datasheet HTML 8Page - Texas Instruments RC4558IDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Electrical Characteristics
Operating Characteristics
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
at specified free-air temperature, V
CC+ = 15 V, VCC– = –15 V
TEST
PARAMETER
TA(2)
MIN
TYP
MAX
UNIT
CONDITIONS(1)
25
°C
0.5
6
VIO
Input offset voltage
VO = 0
mV
Full range
7.5
25
°C
5
200
IIO
Input offset current
VO = 0
nA
Full range
300
25
°C
150
500
IIB
Input bias current
VO = 0
nA
Full range
800
VICR
Common-mode input voltage range
25
°C
±12
±14
V
RL = 10 kΩ
25
°C
±12
±14
VOM
Maximum output voltage swing
25
°C
±10
±13
V
RL = 2 kΩ
Full range
±10
25
°C
20
300
RL ≥ kΩ,
AVD
Large-signal differential voltage amplification
V/mV
VO = ±10 V
Full range
15
B1
Unity-gain bandwith
25
°C
3
MHz
ri
Input resistance
25
°C
0.3
5
M
CMRR
Common-mode rejection ratio
25
°C
70
90
dB
VCC = ±15 V
kSVS
Supply-voltage sensitivity (
∆V
IO/∆VCC)
25
°C
30
150
µV/V
to
±9 V
AVD = 100,
RS = 100 Ω,
Vn
Equivalent input noise voltage (closed loop)
25
°C
8
nV/
√Hz
f = 1 kHz,
BW = 1 Hz
25
°C
2.5
5.6
VO = 0,
ICC
Supply current (both amplifiers)
TA min
3
6.6
mA
No load
TA max
2.3
5
25
°C
75
170
VO = 0,
PD
Total power dissipation (both amplifiers)
TA min
90
200
mW
No load
TA max
70
150
Open loop
85
RS = 1 kΩ,
VO1/VO2
Crosstalk attenuation
25
°C
dB
f = 10 kHz
AVD = 100
105
(1)
All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified.
(2)
Full range is 0
°C to 70°C for RC4558 and –40°C to 85°C for RC4558I.
V
CC+ = 15 V, VCC– = –15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF
0.13
ns
Overshoot
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF
5
%
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF
1.1
1.7
V/
µs
4
Submit Documentation Feedback


Similar Part No. - RC4558IDRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558IDRE4 TI-RC4558IDRE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558IDRE4

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com