Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC1GU04 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1GU04
Description  SINGLE INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1GU04 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC1GU04 Datasheet HTML 1Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 2Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 3Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 4Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 5Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 6Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 7Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 8Page - Texas Instruments SN74AUC1GU04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
3
2
4
5
1
NC
VCC
Y
A
GND
DBVPACKAGE
(TOPVIEW)
YZPPACKAGE
(BOTTOMVIEW)
DCKPACKAGE
(TOPVIEW)
3
2
4
5
1
NC
VCC
Y
A
GND
DNU
GND
VCC
Y
A
NC – Nointernalconnection
1
4
2
3
5
Seemechanicaldrawingsfordimensions.
DNU
Donotuse
-
DRY PACKAGE
(TOP VIEW)
A
NC
NC
6
5
4
2
3
GND
Y
V
CC
1
PR
EVIE
W
DESCRIPTION/ORDERING INFORMATION
SN74AUC1GU04
SINGLE INVERTER GATE
SCES371L – SEPTEMBER 2001 – REVISED APRIL 2007
• Available in the Texas Instruments
• ±8-mA Output Drive at 1.8 V
NanoFree™ Package
• Unbuffered Output
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• Sub-1-V Operable
2000-V Human-Body Model (A114-A)
• Max t
pd of 2.4 ns at 1.8 V
200-V Machine Model (A115-A)
• Low Power Consumption, 10-µA Max I
CC
1000-V Charged-Device Model (C101)
This single inverter gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V VCC
operation.
The SN74AUC1GU04 contains one inverter with an unbuffered output and performs the Boolean function Y = A.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
ORDERING INFORMATION
ORDERABLE PART
TA
PACKAGE(1)(2)
TOP-SIDE MARKING(3)
NUMBER
NanoFree™ – WCSP
(DSBGA)
Reel of 3000
SN74AUC1GU04YZPR
_ _ _UD_
0.23-mm Large Bump – YZP
(Pb-free)
–40
°C to 85°C
SON – DRY
Reel of 5000
SN74AUC1GU04DRYR
PREVIEW
SOT (SOT-23) – DBV
Reel of 300
SN74AUC1GU04DBVR
UU4_
SOT (SC-70) – DCK
Reel of 300
SN74AUC1GU04DCKR
UD_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRY: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2001–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC1GU04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04 Datasheet
314Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AUC1GU04DBVR TI-SN74AUC1GU04DBVR Datasheet
314Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AUC1GU04DCKR TI-SN74AUC1GU04DCKR Datasheet
314Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AUC1GU04YEAR TI-SN74AUC1GU04YEAR Datasheet
314Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AUC1GU04YEPR TI-SN74AUC1GU04YEPR Datasheet
314Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Similar Description - SN74AUC1GU04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com