Electronic Components Datasheet Search |
|
LM4040C50IDCKRG4 Datasheet(PDF) 10 Page - Texas Instruments |
|
LM4040C50IDCKRG4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 51 page LM4040x20Q Electrical Characteristics DVZ DIZ LM4040 SLOS456K – JANUARY 2005 – REVISED MARCH 2008 .................................................................................................................................................. www.ti.com at extended temperature range, full-range TA = –40°C to 125°C (unless otherwise noted) LM4040C20Q LM4040D20Q PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX VZ Reverse breakdown voltage IZ = 100 μA 25°C 2.048 2.048 V 25°C –10 10 –20 20 Reverse breakdown voltage ΔVZ IZ = 100 μA mV tolerance Full range –30 30 –50 50 25°C 45 75 45 75 IZ,min Minimum cathode current μA Full range 80 80 IZ = 10 mA 25°C ±20 ±20 25°C ±15 ±15 Average temperature coefficient αVZ IZ = 1 mA ppm/°C of reverse breakdown voltage Full range ±100 ±150 IZ = 100 μA 25°C ±15 ±15 25°C 0.3 0.8 0.3 1 IZ,min < IZ < 1 mA Reverse breakdown voltage Full range 1 1.2 change with cathode current mV 25°C 2.5 6 2.5 8 change 1 mA < IZ < 15 mA Full range 8 10 IZ = 1 mA, f = 120 Hz, ZZ Reverse dynamic impedance 25°C 0.3 0.9 0.3 1.1 Ω IAC = 0.1 IZ IZ = 100 μA, eN Wideband noise 25°C 35 35 μVRMS 10 Hz ≤ f ≤ 10 kHz t = 1000 h, Long-term stability of reverse TA = 25°C ± 0.1°C, 120 120 ppm breakdown voltage IZ = 100 μA VHYST Thermal hysteresis(1) ΔTA = –40°C to 125°C 0.08 0.08 % (1) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). 10 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated |
Similar Part No. - LM4040C50IDCKRG4 |
|
Similar Description - LM4040C50IDCKRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |