Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP20K Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # RGP20K
Description  SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

RGP20K Datasheet(HTML) 1 Page - Gulf Semiconductor

  RGP20K Datasheet HTML 1Page - Gulf Semiconductor RGP20K Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
RGP20A THRU RGP20M
SINTERED GLASS JUNCTION
FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 2.0A
FEATURE
DO-15\DO-204AC
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
RGP
20A
RGP
20B
RGP
20D
RGP
20G
RGP
20J
RGP
20K
RGP
20M
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
2.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
80.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
Maximum full load reverse current full cycle
average at 55
°C Ambient
Ir(av)
100.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
200.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
35.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
22.0
°C /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - RGP20K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP20K ZOWIE-RGP20K Datasheet
60Kb / 2P
   SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
RGP20K MCC-RGP20K Datasheet
83Kb / 3P
   2.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
RGP20K TSC-RGP20K Datasheet
72Kb / 2P
   2.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
logo
TAITRON Components Inco...
RGP20K TAITRON-RGP20K Datasheet
133Kb / 4P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
logo
Shanghai Lunsure Electr...
RGP20K CHENYI-RGP20K Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
More results

Similar Description - RGP20K

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RU4AGF GULFSEMI-RU4AGF Datasheet
81Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
GUF20A GULFSEMI-GUF20A Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
GP20A GULFSEMI-GP20A Datasheet
156Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
RU3JGF GULFSEMI-RU3JGF Datasheet
143Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP25A GULFSEMI-RGP25A Datasheet
137Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
RGP15A GULFSEMI-RGP15A Datasheet
135Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RU2AGF GULFSEMI-RU2AGF Datasheet
99Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GUF15A GULFSEMI-GUF15A Datasheet
104Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGP30A GULFSEMI-RGP30A Datasheet
134Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
BYT42AGP GULFSEMI-BYT42AGP Datasheet
78Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com