Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX2020-4 Datasheet(PDF) 1 Page - Richco, Inc.

Part # RX2020-4
Description  CABLE & FIBER MANAGEMENT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

RX2020-4 Datasheet(HTML) 1 Page - Richco, Inc.

  RX2020-4 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19.69 (500)
.30 (7.5)
.20 (5)
CABLE & FIBER MANAGEMENT
135
773-539-4060 Samples: 1-800-621-1892
F
SRWD/SRWDN
Slotted Richco Wiring Duct
Material: PVC (UL #E161178) (CSA #LR40012-7)
Color: Gray
“A”
“B”
Standard Pack
Mounting Style
SRWD-0820
.75 (19.1)
2.0 (50.8)
78' (1981.2)
1
SRWD-1015
1.0 (25.4)
1.5 (38.1)
SRWD-1020
2.0 (50.8)
SRWD-1030
3.0 (76.2)
52' (1320.8)
SRWD-1040
4.0 (101.6)
SRWD-1515
1.5 (38.1)
1.5 (38.1)
78' (1981.2)
SRWD-1520
2.0 (50.8)
52' (1320.8)
SRWD-1530
3.0 (76.2)
SRWD-1540
4.0 (101.6)
SRWD-2010
2.0 (50.8)
1.0 (25.4)
78' (1981.2)
SRWD-2015
1.5 (38.1)
52' (1320.8)
SRWD-2020
2.0 (50.8)
SRWD-2030
3.0 (76.2)
SRWD-2040
4.0 (101.6)
26' (660.4)
SRWD-3015
3.0 (76.2)
1.5 (38.1)
52' (1320.8)
2
SRWD-3020
2.0 (50.8)
SRWD-3030
3.0 (76.2)
SRWD-3040
4.0 (101.6)
26' (660.4)
SRWD-4020
4.0 (101.6)
2.0 (50.8)
SRWD-4030
3.0 (76.2)
SRWD-4040
4.0 (101.6)
SRWD-4050
5.0 (127.0)
SRWD-OPEN SLOT
SRWDN-NARROW SLOT
Features
• Available with or without adhesive
Mounting Style #1
Mounting Style #2
Part No.
Features
• Holds breakout wires while
providing flexibility for adding
or removing wires later
• Simply deflect the plastic
fingers to insert or remove
wires
• Non-slip cover is easy to use
and included with base
• Parts are 6-1/2' (1.98m) long
• Material is serviceable
from -40°F – 140°F
(-40°C – 60°C)
• Fingers are scored for easy
break out
Material: PVC (UL #E161178) (CSA #LR40012-7)
Color: Gray
Part No.
“A”
“B”
Standard Pack
Mounting Style
SRWDN-0820
.75 (19.1)
2.0 (50.8)
78' (1981.2)
1
SRWDN-1015
1.0 (25.4)
1.5 (38.1)
SRWDN-1020
2.0 (50.8)
SRWDN-1030
3.0 (76.2)
52' (1320.8)
SRWDN-1515
1.5 (38.1)
1.5 (38.1)
78' (1981.2)
SRWDN-1520
2.0 (50.8)
52' (1320.8)
SRWDN-1530
3.0 (76.2)
SRWDN-2015
2.0 (50.8)
1.5 (38.1)
SRWDN-2020
2.0 (50.8)
SRWDN-2030
3.0 (76.2)
SRWDN-3015
3.0 (76.2)
1.5 (38.1)
2
SRWDN-3020
2.0 (50.8)
SRWDN-3030
3.0 (76.2)
SRWDN-4020
4.0 (101.6)
2.0 (50.8)
26' (660.4)
SRWDN-4030
3.0 (76.2)
RX
Richflex Flexible Channel
Parts also available in White, Black and Blue by special order. To order, add suffix W for White, BL
for Blue, and B for Black
Parts also available in White, Black and Blue by special order. To order, add suffix W for White, BL
for Blue, and B for Black
NEW
Material: Polypropylene • Color: Grey
Part No.
Ext. Dim.
“A” x “A”
in (mm)
RX1313-0
.492 x .492
(12.5 x 12.5)
VMHDY40
.171
(110)
112
RX1313-4
AMHD40
RX1616-0
.630 x .630
(16 x 16)
VMHDY40
.287
(185)
84
RX1616-4
AMHD40
RX2020-0
.787 x .787
(20 x 20)
VMHDY40
.496
(320)
112
RX2020-4
AMHD40
RX2525-0
.984 x .984
(25 x 25)
VMHDY40
.775
(500)
70
RX2525-4
AMHD40
RX3030-0
1.181 x 1.181
(30 x 30)
VMHDY40
1.116
(720)
50
RX3030-4
AMHD40
RX4040-0
1.575 x 1.575
(40 x 40)
VMHDY40
2.046
(1320)
50
RX4040-4
AMHD40
RX5050-0
1.969 x 1.969
(50 x 50)
VMHDY40
3.162
(2040)
32
Standard Packing
(pcs)
Int. Section
in2 (mm2)
Type
RX5050-4
AMHD40
Part Type Code: A - Adhesive Backing; D - UL94V2; H - Halogen Presence Insignificant (<70%);
M - Polypropylene; V - Screw Mount; 40 - Gray RAL7040.


Similar Part No. - RX2020-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX2025GE1 ETC2-RX2025GE1 Datasheet
61Kb / 1P
   Crimptooling
RX2025GE2 ETC2-RX2025GE2 Datasheet
61Kb / 1P
   Crimptooling
More results

Similar Description - RX2020-4

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SRCC-1 RICHCO-SRCC-1 Datasheet
195Kb / 1P
   FIBER, WIRE CABLE MANAGEMENT
OFFM-4-1 RICHCO-OFFM-4-1 Datasheet
135Kb / 1P
   FIBER MANAGEMENT - Optical Fiber Flat Manifold
logo
Bud Industries, Inc.
CMR-8040 BUD-CMR-8040 Datasheet
49Kb / 1P
   CABLE MANAGEMENT RACK
logo
Hammond Manufacturing L...
CGUIDE HAMMOND-CGUIDE Datasheet
99Kb / 1P
   Cable Management Arm
1/13/2021
logo
MRV Communications, Inc...
EM316LNXNM-OT MRV-EM316LNXNM-OT Datasheet
416Kb / 3P
   Fiber Driver짰 Network Management with Linux
logo
Bud Industries, Inc.
CM-4850 BUD-CM-4850 Datasheet
35Kb / 1P
   CABLE MANAGEMENT BRACKET
CM-4852 BUD-CM-4852 Datasheet
35Kb / 1P
   CABLE MANAGEMENT PANEL
CM-1225 BUD-CM-1225 Datasheet
32Kb / 1P
   CABLE MANAGEMENT PANEL 1U
CM-2200 BUD-CM-2200 Datasheet
44Kb / 1P
   CABLE MANAGEMENT BRACKET, STRAPS
CM-1227 BUD-CM-1227 Datasheet
51Kb / 1P
   CABLE MANAGEMENT PANEL 2U
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com