Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26S10CNE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM26S10CNE4
Description  QUADRUPLE BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26S10CNE4 Datasheet(HTML) 4 Page - Texas Instruments

  AM26S10CNE4 Datasheet HTML 1Page - Texas Instruments AM26S10CNE4 Datasheet HTML 2Page - Texas Instruments AM26S10CNE4 Datasheet HTML 3Page - Texas Instruments AM26S10CNE4 Datasheet HTML 4Page - Texas Instruments AM26S10CNE4 Datasheet HTML 5Page - Texas Instruments AM26S10CNE4 Datasheet HTML 6Page - Texas Instruments AM26S10CNE4 Datasheet HTML 7Page - Texas Instruments AM26S10CNE4 Datasheet HTML 8Page - Texas Instruments AM26S10CNE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AM26S10C
QUADRUPLE BUS TRANSCEIVERS
SLLS116C – JANUARY 1977 – REVISED MARCH 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
D or S
VCC = 4.75 V,
II = – 18 mA
– 1.2
V
VOH
High-level output voltage
R
VCC = 4.75 V,
IOH = – 1 mA
VIH = 2 V,
VIL = 0.8 V,
2.7
3.4
V
R
IOL = 20 mA
0.5
VOH
Low level output voltage
VCC = 4.75 V,
VIH = 2 V,
IOL = 40 mA
0.33
0.5
V
VOH
Low-level output voltage
B
CC
,
VIL = 0.8 V
IH
,
IOL = 70 mA
0.42
0.7
V
IOL = 100 mA
0.51
0.8
V2 V
VCC = 5.25 V, VO = 0.8 V
–50
IO(off)
Off-stage output current
B
VIH = 2 V,
VIL =0 8V
VCC = 5.25 V, VO = 4.5 V
100
µA
()
VIL = 0.8 V
VCC = 0,
VO = 4.5 V
100
IIH
High level input current
D
VCC = 5 25 V
VI =2 7V
30
µA
IIH
High-level input current
S
VCC = 5.25 V,
VI = 2.7 V
20
µA
II
Input current at maximum
input voltage
D or S
VCC = 5.25 V,
VI = 5.5 V
100
µA
IIL
Low level input current
D
VCC = 5 25 V
VI =0 4V
– 0.54
mA
IIL
Low-level input current
S
VCC = 5.25 V,
VI = 0.4 V
– 0.36
mA
IOS
Short-circuit output current‡
R
VCC = 5.25 V
–18
–60
mA
ICC
Supply current
VCC = 5.25 V,
Strobe at 0 V,
No load,
45
70
mA
ICC
Supply current
CC
,,
,
All driver outputs low
80
mA
† All typical values are at TA = 25°C and VCC = 5 V.
‡ Not more than one output should be shorted to ground at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
FROM
TO
TEST
AM26S10C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH Propagation delay time, low-to-high-level output
D
B
10
15
ns
tPHL Propagation delay time, high-to-low-level output
D
B
10
15
ns
tPLH Propagation delay time, low-to-high-level output
S
B
14
18
ns
tPHL Propagation delay time, high-to-low-level output
S
B
13
18
ns
tPLH Propagation delay time, low-to-high-level output
B
R
See Figure 1
10
15
ns
tPHL Propagation delay time, high-to-low-level output
B
R
See Figure 1
10
15
ns
tTLH
Transition time,
low-to-high-level output
B
4
10
ns
tTHL
Transition time,
high-to-low-level output
B
2
4
ns


Similar Part No. - AM26S10CNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26S10CN TI-AM26S10CN Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
More results

Similar Description - AM26S10CNE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS242 TI-SN54LS242 Datasheet
135Kb / 4P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI-SN55138 Datasheet
243Kb / 13P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN55138 TI1-SN55138_14 Datasheet
952Kb / 24P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
SN54LS243 TI1-SN54LS243 Datasheet
900Kb / 14P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
AM26S10C TI-AM26S10C Datasheet
124Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS
REVISED MARCH 1997
SN54LS440 TI-SN54LS440 Datasheet
288Kb / 7P
[Old version datasheet]   QUADRUPLE TRIDIRECTIONAL BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Texas Instruments
SN54LS446 TI-SN54LS446 Datasheet
230Kb / 7P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH INDIVIDUAL DIRECTION CONTROLS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com