Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF-1205S Datasheet(PDF) 2 Page - Recom International Power

Part # RF-1205S
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RF-1205S Datasheet(HTML) 2 Page - Recom International Power

  RF-1205S Datasheet HTML 1Page - Recom International Power RF-1205S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 48
www.recom-international.com
August 2002
ECONOLINE - DC/DC-Converter
RF Series, 1.25 Watt, DIP8 (Single & Dual Output)
Package Style and Pinning (mm)
3rd angle
projection
3.25
ø 0.51 typ.
7.62
5.08
2.54
Bottom View
4
7.62
1
8
5
ø 0.51 typ.
7.62
6
1.00ø+0.15/–0
2.54
2.54
RF-0505D
RECOM
****
10.10
12.60
3.05
dia 0.51 typ.
7.62
5.08
RF-0505S
RECOM
****
10.10
12.60
8
-V
5
1
4
6
8
Bottom View
8 PIN DIP Package
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
4
+Vin
+Vin
5+Vout
+Vout
6NC
Com
8–Vout
–Vout
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm


Similar Part No. - RF-1205S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF-12 ETC1-RF-12 Datasheet
412Kb / 10P
   SENSORE FOTOELETTRICO ECONOMICO, COMPATTO, CON AMPLIFICATORE INCORPORATO
logo
Panasonic Semiconductor
RF-12 PANASONIC-RF-12 Datasheet
966Kb / 14P
   Ultra-compact Photoelectric Sensor
RF-12 PANASONIC-RF-12 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
JST Mfg. Co., Ltd.
RF-12 JST-RF-12 Datasheet
896Kb / 4P
   RF CONNECTOR
More results

Similar Description - RF-1205S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com