Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN-243.3S Datasheet(PDF) 3 Page - Recom International Power

Part # RN-243.3S
Description  1.25 Watt DIP8 Sigle Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RN-243.3S Datasheet(HTML) 3 Page - Recom International Power

  RN-243.3S Datasheet HTML 1Page - Recom International Power RN-243.3S Datasheet HTML 2Page - Recom International Power RN-243.3S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
59
April-2005
Package Style and Pinning (mm)
RN
Series
ECONOLINE
DC/DC-Converter
4
7.62
5.08
1
75
ø 0.51 typ.
7.62
3.25 min.
ø 0.51 typ.
7.62
Bottom View
2.54
2.54
1.00ø+0.15/–0
RECOM
RN-0505S
****
10.10
12.60
Top View
7.62
3rd angle
projection
Recommended Footprint Details
8 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
–Vin
4
+Vin
5
+Vout
7
–Vout


Similar Part No. - RN-243.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-243.3S RECOM-RN-243.3S Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
RN-243.3SHP RECOM-RN-243.3SHP Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
RN-243.3SP RECOM-RN-243.3SP Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
More results

Similar Description - RN-243.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN-3.33.3S RECOM-RN-3.33.3S_06 Datasheet
89Kb / 3P
   1.25 Watt DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S Datasheet
101Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
RM-1.81.8S RECOM-RM-1.81.8S_06 Datasheet
100Kb / 3P
   0.25 Watt SIP4 & DIP8 Single Output
logo
PEAK electronics GmbH
P7BU-XXXXE PEAK-P7BU-XXXXE Datasheet
240Kb / 2P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
P7BU-0505E PEAK-P7BU-0505E Datasheet
244Kb / 3P
   1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
logo
Recom International Pow...
R2M RECOM-R2M Datasheet
943Kb / 6P
   2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
logo
Power-One
DRS505 POWER-ONE-DRS505 Datasheet
1Mb / 2P
   1.25 WATT
logo
PEAK electronics GmbH
P6KU-0505E PEAK-P6KU-0505E Datasheet
245Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8
logo
XFMRS Inc.
XFPOEP4-CTXU1-4M XFMRS-XFPOEP4-CTXU1-4M Datasheet
108Kb / 2P
   SIGLE PORT POE COMBO
XFPOEP1F-CLXU1-4MS XFMRS-XFPOEP1F-CLXU1-4MS Datasheet
109Kb / 2P
   SIGLE PORT POE COMBO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com